Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L31104 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # L31104
Description  1 of span throughout entire range
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L31104 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  L31104 Datasheet HTML 1Page - List of Unclassifed Manufacturers L31104 Datasheet HTML 2Page - List of Unclassifed Manufacturers L31104 Datasheet HTML 3Page - List of Unclassifed Manufacturers L31104 Datasheet HTML 4Page - List of Unclassifed Manufacturers L31104 Datasheet HTML 5Page - List of Unclassifed Manufacturers L31104 Datasheet HTML 6Page - List of Unclassifed Manufacturers L31104 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
60
Temperature
POCKET THERMOMETER
• 1" Dial
• 304 Stainless Steel Hermetically Sealed Case
• 5" long stem
• Protective Case with Stainless Steel Clip
Marsh pocket thermometers have a 1" dial, 304SS hermetically sealed case, 304SS 0.4mm diameter 5" long stem, and
plastic lens. The accuracy is ±1.5% of scale range. Each unit comes with a protective case with SS clip, that allows
it to be safely carried in your pocket and also can be used to hold the thermometer in the medium to be tested.
Typical applications include the food industries, HVAC/R industries, and any applications requiring fast and accurate
temperature.
STANDARD RANGES & PART NUMBERS
SPECIFICATIONS
ACCURACY
±1.5% of span throughout entire
range
CASE MATERIAL
304 Stainless Steel
RANGES
-40/160°F, -220°F, 50/550°F
SPECIFICATIONS
ACCURACY
±2 °F
CASE MATERIAL
ABS Plastic
RANGE
-58 to 302 °F / -50 to 150 °C
PART NUMBER
DESCRIPTION & RANGE
L020E
1" dial, 5" stem, -40/160°F
L041E
1" dial, 5" stem, 0/220°F
L080E
1" dial, 5" stem, 50/550°F
DIGITAL POCKET THERMOMETER
• 3.5 Digit LCD display
• ABS Plastic Case
• 5" long stem
• Protective Case with Stainless Steel Clip
Marsh Digital Pocket Thermometers have a 3.5 digit LCD display, ABS case and a 304SS 5"long stem. The
accuracy is ±2 °F with an update time of 10 seconds. Each unit has an on-off switch for longer battery life and
comes with the protective carrying case.
Typical applications include the food industries, HVAC/R industries, and any applications requiring fast and accurate
temperature.
PART NUMBER
DESCRIPTION & RANGE
L021DG
3.5 digit display, 5" stem, -58 to 302 °F / -50 to 150 °C
STANDARD RANGES & PART NUMBERS


Similar Part No. - L31104

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L311 CRYDOM-L311 Datasheet
585Kb / 4P
   Power Modules
logo
List of Unclassifed Man...
L31120F ETC2-L31120F Datasheet
171Kb / 1P
   Low Profile Designed for PCB Connections
L311F ETC2-L311F Datasheet
171Kb / 1P
   Low Profile Designed for PCB Connections
logo
Crydom Inc.,
L311F CRYDOM-L311F Datasheet
585Kb / 4P
   Power Modules
More results

Similar Description - L31104

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414697 PHOENIX-1414697 Datasheet
75Kb / 4P
   Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1414732 PHOENIX-1414732 Datasheet
77Kb / 4P
   Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1414757 PHOENIX-1414757 Datasheet
80Kb / 4P
   Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
logo
Allegro MicroSystems
ATS128LSE ALLEGRO-ATS128LSE Datasheet
804Kb / 25P
   Chopper stabilization for stable switchpoints throughout operating temperature range
logo
PHOENIX CONTACT
1403841 PHOENIX-1403841 Datasheet
76Kb / 4P
   Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1414686 PHOENIX-1414686 Datasheet
79Kb / 4P
   Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1582562 PHOENIX-1582562 Datasheet
81Kb / 4P
   Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
logo
Schneider Electric
IGP05S SCHNEIDER-IGP05S Datasheet
121Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 25, 2022
IAP05S SCHNEIDER-IAP05S Datasheet
121Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 26, 2022
IDP05S SCHNEIDER-IDP05S Datasheet
131Kb / 2P
   Economical pressure transmitter with accuracy of 짹0.075% span
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com