Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBSK110S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MBSK110S
Description  Schottky Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBSK110S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MBSK110S Datasheet HTML 1Page - List of Unclassifed Manufacturers MBSK110S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBSK12S THRU MBSK110S
Schottky Bridge Rectifier
Features
Io
1.0A
VRRM 20V~100V
Schottky chip
High surge forward current capability
Low VF
Applications
General purpose 1 phase Bridge
rectifier applications
Limiting Values(Absolute Maximum Rating)
MBSK
Item
Symbol Unit
Conditions
12S 14S 16S 18S 110S
Repetitive Peak Reverse
Voltage
VRRM
V
20
40
60
80
100
On alumina substrate
1.0
Average Rectified Output
Current
IO
A
60Hz sine wave,
R-load, Ta=25℃
On glass-epoxi substrate
0.8
Surge(Non-
repetitive)Forward Current
IFSM
A
60HZ sine wave, 1 cycle, Tj=25℃
40
Current Squared Time
I
2t
A
2S
1ms≤t<8.3ms Tj=25℃,Rating of per diode
6.6
Storage Temperature
Tstg
-55 ~+150
Junction Temperature
Tj
-55 ~+150
Electrical Characteristics(T
a=25℃ Unless otherwise specified)
Item
Symbol Unit
Test Condition
Max
Peak Forward Voltage
VFM
V
IFM=0.5A,
Pulse measurement, Rating of per diode
0.55
0.65
0.85
Peak Reverse Current
IRRM
mA
VRM=VRRM , Pulse measurement, Rating of per diode
0.5
Between junction and ambient, On alumina substrate
76
RθJ-A
Between junction and ambient, On glass-epoxi
substrate
134
Thermal Resistance
RθJ-L
℃/W
Between junction and lead
20
http://www.luguang.cn
mail:lge@luguang.cn
0.6
±0.1
3.8
±0.2
4.6
±0.2
2.5
±0.25
0.3
±0.1
6.8
±0.2
1.0
±0.15
Dimensions in millimeters
MBS


Similar Part No. - MBSK110S

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MBSK110S YANGJIE-MBSK110S Datasheet
125Kb / 2P
   Schottky Bridge Rectifier
logo
Shenzhen Luguang Electr...
MBSK110S LUGUANG-MBSK110S Datasheet
201Kb / 2P
   Schottky Bridge Rectifier
MBSK110S LUGUANG-MBSK110S Datasheet
201Kb / 2P
   Schottky Bridge Rectifier
MBSK110S LUGUANG-MBSK110S Datasheet
201Kb / 2P
   Schottky Bridge Rectifier
logo
Yangzhou yangjie electr...
MBSK110S YANGJIE-MBSK110S Datasheet
123Kb / 2P
   Schottky Bridge Rectifier
More results

Similar Description - MBSK110S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBRLDSH2-100 CENTRAL-CBRLDSH2-100_15 Datasheet
532Kb / 2P
   SCHOTTKY BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
MBSK12M YANGJIE-MBSK12M Datasheet
116Kb / 2P
   Schottky Bridge Rectifier
logo
Central Semiconductor C...
CBRHDSH1-100 CENTRAL-CBRHDSH1-100_15 Datasheet
871Kb / 3P
   SCHOTTKY BRIDGE RECTIFIER
CBRLDSH2-40 CENTRAL-CBRLDSH2-40_15 Datasheet
926Kb / 3P
   SCHOTTKY BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
MBSK12S YANGJIE-MBSK12S_17 Datasheet
123Kb / 2P
   Schottky Bridge Rectifier
logo
Zowie Technology Corpor...
SLX204MAH ZOWIE-SLX204MAH Datasheet
61Kb / 2P
   Schottky Bridge Rectifier
SCD345MH ZOWIE-SCD345MH Datasheet
48Kb / 2P
   Schottky Bridge Rectifier
logo
Shenzhen Luguang Electr...
MBSK16S LUGUANG-MBSK16S Datasheet
201Kb / 2P
   Schottky Bridge Rectifier
MBSK14S LUGUANG-MBSK14S Datasheet
201Kb / 2P
   Schottky Bridge Rectifier
logo
Central Semiconductor C...
CBRHDSH1-200 CENTRAL-CBRHDSH1-200_15 Datasheet
606Kb / 2P
   SCHOTTKY BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
ABSK22S YANGJIE-ABSK22S Datasheet
101Kb / 2P
   Schottky Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com