Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDUMV20 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PDUMV20
Description  Single-Phase Metered PDU, 1.9kW 20A 120V, 0U Vertical Rackmount, 28 NEMA 5-15/20R outlets
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDUMV20 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PDUMV20 Datasheet HTML 1Page - List of Unclassifed Manufacturers PDUMV20 Datasheet HTML 2Page - List of Unclassifed Manufacturers PDUMV20 Datasheet HTML 3Page - List of Unclassifed Manufacturers PDUMV20 Datasheet HTML 4Page - List of Unclassifed Manufacturers PDUMV20 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CERTIFICATIONS
Certifications
Tested to UL60950-1 (USA) and CAN/CSA C22.2 No. 60950-1-03 (Canada), RoHS Compliant
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
Related Items
Optional Products
Model Number
Description
Qty.
P006-006-13LA
6-ft. 18AWG Power cord (NEMA 5-15P to IEC-320-C13 Left Angle)
1
P006-006-13RA
6-ft. 18AWG Power cord (NEMA 5-15P to IEC-320-C13 Right Angle)
1
P007-002
2-ft. Heavy-Duty 14AWG Power cord
(IEC-320-C13 to NEMA 5-15P)
1
P030-002-5
5-Pack of 2-ft. 18AWG Power Cords NEMA 5-15P to IEC-320-C13)
1
P006-003
3-ft. 18AWG Power cord (NEMA 5-15P to IEC-320-C13)
1
P006-004
4-ft. 18AWG Power cord (NEMA 5-15P to IEC-320-C13)
1
P006-004-BL
4-ft. 18AWG Power Cord (NEMA 5-15P to IEC-320-C13) with Blue Connectors
1
P006-004-GN
4-ft. 18AWG Power Cord (NEMA 5-15P to IEC-320-C13) with Green Connectors
1
P006-004-RD
4-ft. 18AWG Power Cord (NEMA 5-15P to IEC-320-C13) with Red Connectors
1
P006-004-YW
4-ft. 18AWG Power Cord (NEMA 5-15P to IEC-320-C13) with Yellow Connectors
1
P006-006
6-ft. 18AWG Power cord (NEMA 5-15P to IEC-320-C13)
1
P007-006
6-ft. Heavy-Duty 14AWG Power cord
(IEC-320-C13 to NEMA 5-15P)
1
P006-006-2
6-ft. AC Power Splitter Cable (NEMA 5-15P to 2 x IEC-320-C13)
1
P006-006-515MF
6 ft. Piggyback Power Cord (NEMA 5-15P/R to IEC-320-C13 )
1
P007-010
10-ft. Heavy-Duty 14AWG Power cord
(IEC-320-C13 to NEMA 5-15P)
1
P049-010
10-ft. 12AWG Heavy Duty Power cord (IEC-320-C19 to NEMA 5-20P)
1
P006-010
10-ft. 18AWG Power cord ( NEMA 5-15P to IEC-320-C13)
1
P010-012
12-ft. 18AWG Power cord
(NEMA 5-15P to IEC-320-C13)
1
P043-002
2-ft. 10AWG Heavy Duty Power Cord with 20 AMP Breaker, (NEMA L5-30P to NEMA L5-20R)
1
P044-06I
6-inch 12AWG Heavy Duty Power Adapter cord
(NEMA-L5-20R to NEMA-5-20P)
1
3 / 4


Similar Part No. - PDUMV20

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMV20-36 TRIPPLITE-PDUMV20-36 Datasheet
161Kb / 3P
   2kW Single-Phase Local Metered PDU, 100-127V Outlets (14 5-15/20R), L5-20P/5-20P adapter, 0U Vertical, 36 in. Height
PDUMV20-72 TRIPPLITE-PDUMV20-72 Datasheet
158Kb / 3P
   2kW Single-Phase Local Metered PDU, 100-127V Outlets (36 5-15/20R), L5-20P/5-20P adapter, 0U Vertical, 72-in.
PDUMV20HV TRIPPLITE-PDUMV20HV Datasheet
153Kb / 3P
   3.2-3.8kW Single-Phase Metered PDU, 200-240V Outlets (6-C19 & 32-C13 ) C20/L6-20P Cable 10ft Cord, 0U Vertical
PDUMV20HVNET2LX TRIPPLITE-PDUMV20HVNET2LX Datasheet
185Kb / 4P
   3.3??.7kW Single-Phase Switched PDU, LX Platform Interface, 208/230V Outlets (7 C13/1C19), C20/L6-20P, 0U 1m/39 in., TAA
PDUMV20HVNETLX TRIPPLITE-PDUMV20HVNETLX Datasheet
176Kb / 4P
   3.2??.8kW Single-Phase Switched PDU with LX Platform Interface, 200??40V Outlets (20 C13 & 4 C19), C20/L6-20P, 0U, TAA
More results

Similar Description - PDUMV20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDUMH20AT ETC2-PDUMH20AT Datasheet
479Kb / 4P
   Single-Phase Auto Transfer Switch / Metered PDU, 1.9kW 20A 120V, 1U Horizontal Rackmount, 16 5-15/20R outlets
PDUMV15 ETC2-PDUMV15 Datasheet
479Kb / 5P
   Single-Phase Metered PDU, 1.4kW 15A 120V, 0U Vertical Rackmount, 16 NEMA 5-15R outlets, NEMA
logo
Tripp Lite. All Rights ...
PDUMV30 TRIPPLITE-PDUMV30 Datasheet
153Kb / 3P
   2.9kW Single-Phase Metered PDU, 120V Outlets (24 5-15/20R), L5-30P, 10ft Cord, 0U Vertical
logo
List of Unclassifed Man...
PDU1220 ETC2-PDU1220 Datasheet
485Kb / 4P
   Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets
logo
Tripp Lite. All Rights ...
PDU3MV6L2120LV TRIPPLITE-PDU3MV6L2120LV Datasheet
530Kb / 3P
   TAA-Compliant 5.7kW 3-Phase Metered PDU, 120V Outlets 42 5-15-20R, L21-20P, 6ft Cord, 0U Vertical
logo
Schneider Electric
AP7830 SCHNEIDER-AP7830 Datasheet
68Kb / 2P
   Rack PDU, Metered, Zero U, 20A, 120V, (24) NEMA 5-20R
Oct 17, 2021
logo
Tripp Lite. All Rights ...
PDU3MV6L2120B TRIPPLITE-PDU3MV6L2120B Datasheet
499Kb / 3P
   5.7kW 3-Phase Metered PDU, 208-120V Outlets 21 5-15-20R, 6 L6-20R, L21-20P, 6ft Cord, 0U Vertical, TAA
logo
List of Unclassifed Man...
PDU1220T ETC2-PDU1220T Datasheet
484Kb / 4P
   Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets, NEMA L5-20P input plug
logo
Tripp Lite. All Rights ...
PDU3MV6L20BTAA TRIPPLITE-PDU3MV6L20BTAA Datasheet
531Kb / 3P
   TAA-Compliant 5.7kW 3-Phase Metered PDU,208-120V Outlets 21 5-15-20R, 6 L6-20R, L21-20P,6ft Cord, 0U Vertical
logo
List of Unclassifed Man...
PDUB20 ETC2-PDUB20 Datasheet
483Kb / 5P
   Single-Phase Hot-Swap PDU, 1.9kW 20A 120V, 2U Horizontal Rackmount, 4 NEMA 5-15R & 4 NEMA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com