Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK10TG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SK10TG
Description  1 Outlet, Direct Plug-In, 350 Joules, Timer - Protect It! Surge Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SK10TG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SK10TG Datasheet HTML 1Page - List of Unclassifed Manufacturers SK10TG Datasheet HTML 2Page - List of Unclassifed Manufacturers SK10TG Datasheet HTML 3Page - List of Unclassifed Manufacturers SK10TG Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 Outlet, Direct Plug-In, 350 Joules, Timer - Protect
It! Surge Suppressor
MODEL NUMBER: SK10TG
Description
The SK10TG surge suppressor with timer offers reliable surge and line noise protection. The compact direct plug-in design allows for easy portability and
features 1 outlet and 350 joules of surge energy absorption. Timer selection switch for 1, 3, or 6 hours helps make connected devices more energy efficient.
On/Off push button lets you shut off outlet at any time. Diagnostic LEDs alert you to potential wiring or protection faults before connected equipment is
damaged. $5,000 Ultimate Lifetime Insurance (USA & Canada only).
Features
1 outlets / direct plug-in
Surge suppression rating: 350 joules
Timer Feature
EMI/RFI noise filtering
Diagnostic LEDs indicate Protected (green) & Grounded (red)
$5,000 Ultimate Lifetime Insurance (USA and Canada Only)
Specifications
OVERVIEW
Intended Application
Home/Office
OUTPUT
Frequency compatibility
50 / 60 Hz
Output watts
1875
Circuit Breaker (amps)
15
Outlet quantity / type
1 NEMA 5-15P
Highlights
1 outlets/direct plug-in
350 joule rating
Timer selection switch for 1, 3, or
6 hours
Diagnostic LEDs
$5,000 Ultimate Lifetime
Insurance (USA & Canada only)
Applications
Ideal for any desktop, network or
home computing application
requiring AC protection
Package Includes
SK10TG surge suppressor
Instruction sheet
1 / 3


Similar Part No. - SK10TG

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10/100EL16V SEMTECH-SK10/100EL16V Datasheet
146Kb / 9P
   Differential Receiver with Variable Output Swing
logo
Diotech Company.
SK100 DIOTECH-SK100 Datasheet
733Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Semikron International
SK100B SEMIKRON-SK100B Datasheet
663Kb / 3P
   Bridge Rectifier
SK100DA120D SEMIKRON-SK100DA120D Datasheet
385Kb / 4P
   NPN POWER DARLUNGTON MODULES 100A 1200V
SK100DAL100D SEMIKRON-SK100DAL100D Datasheet
282Kb / 4P
   NPN POWER DARLUNGTON MODULES 100A 1000V
More results

Similar Description - SK10TG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SK120USB ETC2-SK120USB Datasheet
529Kb / 4P
   3 Outlet, Direct Plug-In, 540 Joules, 2.1 amp USB charger - Protect It! Surge Suppressor
SK30USB ETC2-SK30USB Datasheet
523Kb / 4P
   3 Outlet, Direct Plug-In, 540 Joules, 2.1 amp USB charger - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP74RB TRIPPLITE-TLP74RB Datasheet
102Kb / 3P
   7 outlet black strip, 540 joules Protect It! Surge Suppressor
SK3-0 TRIPPLITE-SK3-0 Datasheet
162Kb / 3P
   Protect It! 3-Outlet Surge Protector, Direct Plug-In, 660 Joules, 2 Diagnostic LEDs
SK6-0 TRIPPLITE-SK6-0 Datasheet
166Kb / 3P
   Protect It! 6-Outlet Low-Profile Surge Protector, Direct Plug-In, 540 Joules, Diagnostic LED
logo
List of Unclassifed Man...
TLP602 ETC2-TLP602 Datasheet
480Kb / 4P
   6-outlet 2-ft cord 180 joules Protect It! Surge Suppressor
SK6-6 ETC2-SK6-6 Datasheet
484Kb / 4P
   8-Outlet, Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP66NET TRIPPLITE-TLP66NET Datasheet
129Kb / 3P
   6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
logo
List of Unclassifed Man...
ISOBLOK2-0 ETC2-ISOBLOK2-0 Datasheet
533Kb / 4P
   2-outlet, Direct Plug-in, 1410 joules Isobar Surge Suppressor- Direct plug-in surge, spike and line
SPIKECUBE ETC2-SPIKECUBE Datasheet
506Kb / 4P
   1-outlet, Direct plug-in, 600 joule Surge Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com