Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B40 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # B40
Description  Flexible Ultra-Low Jitter Clock Synthesizer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

B40 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button B40 Datasheet HTML 6Page - Micrel Semiconductor B40 Datasheet HTML 7Page - Micrel Semiconductor B40 Datasheet HTML 8Page - Micrel Semiconductor B40 Datasheet HTML 9Page - Micrel Semiconductor B40 Datasheet HTML 10Page - Micrel Semiconductor B40 Datasheet HTML 11Page - Micrel Semiconductor B40 Datasheet HTML 12Page - Micrel Semiconductor B40 Datasheet HTML 13Page - Micrel Semiconductor B40 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Micrel, Inc.
SM803020
July 22, 2013
11
Revision 1.0
hbwhelp@micrel.com or (408) 955-1690
Figure 4. RMS Phase/Noise Jitter
Figure 5. LVPECL Output Load and Test Circuit
Figure 6. HCSL Output Load and Test Circuit
Figure 7. LVDS Output Load and Test Circuit
Figure 8. LVCMOS Output Load and Test Circuit


Similar Part No. - B40

ManufacturerPart #DatasheetDescription
logo
Coto Technology
B40 COTO-B40 Datasheet
96Kb / 2P
   4-Channel RF Relays
logo
RHOPOINT COMPONENTS
B40 RHOPOINT-B40 Datasheet
130Kb / 2P
   4-Channel RF Relays
logo
Coto Technology
B40-0002 COTO-B40-0002 Datasheet
96Kb / 2P
   4-Channel RF Relays
B40-0003 COTO-B40-0003 Datasheet
96Kb / 2P
   4-Channel RF Relays
logo
EIC discrete Semiconduc...
B40-1500R EIC-B40-1500R Datasheet
23Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - B40

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SM813XXX MICROCHIP-SM813XXX Datasheet
477Kb / 21P
   Flexible Ultra-Low Jitter Clock Synthesizer
07/14/15
logo
Micrel Semiconductor
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840021 MICREL-SM840021 Datasheet
342Kb / 10P
   125MHz Ultra-Low Jitter Clock Synthesizer
SM840051 MICREL-SM840051 Datasheet
297Kb / 10P
   10 Gigabit Ethernet Ultra-Low Jitter Clock Synthesizer
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Micrel Semiconductor
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM840004-11 MICREL-SM840004-11 Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Micrel Semiconductor
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com