Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5611 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # R5611
Description  PHOTOMULTlPLlER TUBES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R5611 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  R5611 Datasheet HTML 1Page - Hamamatsu Corporation R5611 Datasheet HTML 2Page - Hamamatsu Corporation R5611 Datasheet HTML 3Page - Hamamatsu Corporation R5611 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 6: R5611-01 Dimensional Outline and Basing Diagram (Unit : mm)
Figure 5: R5611 Dimensional Outline and Basing Diagram (Unit : mm)
TPMHA0269EA
FACEPLATE
18.6 0.7
15MIN.
PHOTOCATHODE
12 PIN BASE
DY10
DY8
DY6
DY4
DY2
K
SHORT PIN
1
2
3
4
5
6
7
8
9
10
11
12
DY1
DY3
DY5
DY7
DY9
P
Socket
(E678–12L)
Socket
(E678–12A)
TACCA0047EA
35
13
360
13
28.6
2-R4
TPMHA0270EB
TEMPORARY BASE
REMOVED
12PIN BASE
JEDEC No.B12-43
PHOTOCATHODE
FACEPLATE
18.6 0.7
15MIN.
A
B
SEMIFLEXIBLE
LEADS
DY3
DY5
DY7
DY9
P
DY10
1
2
3
4
5
6
7
8
9
10
11
12
DY8
DY6
DY4
DY2
K
DY1
DY1
DY3
DY5
DY7
P
DY9
DY10
DY8
DY6
DY4
DY2
K
1
2
3
4
5
6
9
10
11
12
13
14
B
A
TACCA0009EB
40
47
2- 3.2
17
18
2
13
18
37.3 0.5
34


Similar Description - R5611

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1527 HAMAMATSU-R1527 Datasheet
84Kb / 4P
   PHOTOMULTlPLlER TUBES
R2693 HAMAMATSU-R2693 Datasheet
68Kb / 4P
   PHOTOMULTlPLlER TUBES
R632 HAMAMATSU-R632 Datasheet
27Kb / 2P
   PHOTOMULTlPLlER TUBES
R3788 HAMAMATSU-R3788 Datasheet
73Kb / 4P
   PHOTOMULTlPLlER TUBES
R7447 HAMAMATSU-R7447 Datasheet
68Kb / 4P
   PHOTOMULTlPLlER TUBES
R4220 HAMAMATSU-R4220 Datasheet
75Kb / 4P
   PHOTOMULTlPLlER TUBES
R980 HAMAMATSU-R980 Datasheet
66Kb / 2P
   PHOTOMULTlPLlER TUBES
R7446 HAMAMATSU-R7446 Datasheet
70Kb / 4P
   PHOTOMULTlPLlER TUBES
R877 HAMAMATSU-R877 Datasheet
20Kb / 2P
   PHOTOMULTlPLlER TUBES
R3310-02 HAMAMATSU-R3310-02 Datasheet
85Kb / 4P
   PHOTOMULTlPLlER TUBES
R464 HAMAMATSU-R464 Datasheet
35Kb / 2P
   PHOTOMULTlPLlER TUBES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com