Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC144V Datasheet(PDF) 5 Page - Rohm

Part # DTC144V
Description  NPN 100mA 50V Digital Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC144V Datasheet(HTML) 5 Page - Rohm

  DTC144V Datasheet HTML 1Page - Rohm DTC144V Datasheet HTML 2Page - Rohm DTC144V Datasheet HTML 3Page - Rohm DTC144V Datasheet HTML 4Page - Rohm DTC144V Datasheet HTML 5Page - Rohm DTC144V Datasheet HTML 6Page - Rohm DTC144V Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTC144V series
lDimensions
(Unit : mm)
Dimension in mm/inches
UMT3
Patterm of terminal position areas
x
S A
A
D
b
c
Q
A3
b2
S
e
e
MIN
MAX
MIN
MAX
A
0.80
1.00
0.031
0.039
A1
0.00
0.10
0
0.004
A3
b
0.15
0.30
0.006
0.012
c
0.10
0.20
0.004
0.008
D
1.90
2.10
0.075
0.083
E
1.15
1.35
0.045
0.053
e
HE
2.00
2.20
0.079
0.087
L1
0.20
0.50
0.008
0.02
Lp
0.25
0.55
0.01
0.022
Q
0.10
0.30
0.004
0.012
x
-
0.10
-
0.004
MIN
MAX
MIN
MAX
e1
b2
-
0.50
-
0.02
l1
-
0.65
-
0.026
0.25
0.01
DIM
MILIMETERS
INCHES
1.55
0.06
DIM
MILIMETERS
INCHES
0.65
0.03
5/6
2012.04 - Rev.C


Similar Part No. - DTC144V

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144V ROHM-DTC144V Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
DTC144VCA ROHM-DTC144VCA Datasheet
1Mb / 9P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
logo
Unisonic Technologies
DTC144VG-AE3-R UTC-DTC144VG-AE3-R Datasheet
124Kb / 3P
   The bias resistors are thin-film resistors
DTC144VG-AL3-R UTC-DTC144VG-AL3-R Datasheet
124Kb / 3P
   The bias resistors are thin-film resistors
logo
Rohm
DTC144VKA ROHM-DTC144VKA Datasheet
51Kb / 3P
   Digital transistor (built-in resistors)
More results

Similar Description - DTC144V

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144ECA ROHM-DTC144ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC144G ROHM-DTC144G Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistors
DTC114EUBHZG ROHM-DTC114EUBHZG Datasheet
1Mb / 9P
   NPN 100mA 50V Digital Transistors
DTC143X ROHM-DTC143X_15 Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC114ECA ROHM-DTC114ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC144GUAT106 ROHM-DTC144GUAT106 Datasheet
424Kb / 7P
   NPN 100mA 50V Digital Transistors
DTC143ZKAT146 ROHM-DTC143ZKAT146 Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors
DTC114YCA ROHM-DTC114YCA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC015T ROHM-DTC015T Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC143E ROHM-DTC143E_15 Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC143T ROHM-DTC143T_12 Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com