Electronic Components Datasheet Search |
|
XS2F-D422-DD0 Datasheet(PDF) 8 Page - Omron Electronics LLC |
|
XS2F-D422-DD0 Datasheet(HTML) 8 Page - Omron Electronics LLC |
8 / 9 page 8 E2EZ Dimensions Mounting Hole Dimensions (Unit: mm) Tolerance class IT16 applies to dimensions in this data sheet unless otherwise specified. 38 9 10 33 17 4 21 dia. *1 M12 × 1 15 dia. M12 × 1 Indicator *2 Two clamping nuts Toothed washer *1. 4-dia. vinyl-insulated round cable with 2 conductors (Conductor cross section: 0.3 mm 2, Insulator diameter: 1.3 mm), Standard length: 2 m *2. D1 Models: Operation indicator (red), Setting indicator (green), D2 Models: Operation indicator (red) Pre-wired Connector Models (-M1J/M1GJ) 4-dia. vinyl-insulated round cable with 2 conductors (Conductor cross section: 0.3 mm 2, Insulator diameter: 1.3 mm), Standard length: 300 mm E2EZ-X2D @-N 15 dia. M12 × 1 Pre-wired Connector Models (-M1J/M1GJ) 6-dia. vinyl-insulated round cable with 2 conductors (Conductor cross section: 0.5 mm 2, Insulator diameter: 1.9 mm), Standard length: 300 mm E2EZ-X4D @-N 43 12 10 38 4 24 29 dia. M18 × 1 *1 Indicator *2 Two clamping nuts Toothed washer *1. 6-dia. vinyl-insulated round cable with 2 conduc- tors (Conductor cross section: 0.5 mm 2, Insula- tor diameter: 1.9 mm), Standard length: 2 m The cable can be extended up to 200 m (sepa- rate metal conduit). *2. D1 Models: Operation indicator (red), Setting in- dicator (green) D2 Models: Operation indicator (red) 48 12 10 43 5 36 42 dia. M30 × 1.5 *1 Indicator *2 Two clamping nuts Toothed washer *1. 6-dia. vinyl-insulated round cable with 2 con- ductors (Conductor cross section: 0.5 mm 2, In- sulator diameter: 1.9 mm), Standard length: 2 m The cable can be extended up to 200 m (sepa- rate metal conduit). *2. D1 Models: Operation indicator (red), Setting indicator (green) D2 Models: Operation indicator (red) 15 dia. M12 × 1 Pre-wired Connector Models (-M1J/M1GJ) 6-dia. vinyl-insulated round cable with 2 conductors (Conductor cross section: 0.5 mm 2, Insulator diameter: 1.9 mm), Standard length: 300 mm E2EZ-X8D @-N E2EZ-X4C1 E2EZ-X4Y1 80 60 24 29 dia. *1 M18 × 1 4 4 Two toothed washers Two clamping nuts Indicator *2 *2. C Models: Detection indicator (red), Y Models: Operation indicator (red) *1. C Models: 6-dia. vinyl-insulated round cable with 3 conductors (Conductor cross section: 0.5 mm 2, Insulator diameter: 1.9 mm), Standard length: 2 m Y Models: 6-dia. vinyl-insulated round cable with 2 conductors (Conductor cross section: 0.5 mm 2, Insulator diameter: 1.9 mm), Standard length: 2 m E2EZ-X8C1 E2EZ-X8Y1 80 60 36 42 dia. M30 × 1.5 5 5 *1 Two toothed washers Two clamping nuts Indicator *2 *2. C Models: Detection indicator (red), Y Models: Operation indicator (red) *1. C Models: 6-dia. vinyl-insulated round cable with 3 conductors (Conductor cross section: 0.5 mm 2, Insulator diameter: 1.9 mm), Standard length: 2 m Y Models: 6-dia. vinyl-insulated round cable with 2 conductors (Conductor cross section: 0.5 mm 2, Insulator diameter: 1.9 mm), Standard length: 2 m Model F (mm) E2EZ-X2 @ 12.5 dia. E2EZ-X4 @ 18.5 dia. E2EZ-X8 @ 30.5 dia. +0.5 −0 +0.5 −0 +0.5 −0 F |
Similar Part No. - XS2F-D422-DD0 |
|
Similar Description - XS2F-D422-DD0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |