Electronic Components Datasheet Search |
|
XS2F-D422-GD0 Datasheet(PDF) 4 Page - Omron Electronics LLC |
|
XS2F-D422-GD0 Datasheet(HTML) 4 Page - Omron Electronics LLC |
4 / 9 page 4 E2EZ Engineering Data (Reference Value) Sensing Area E2EZ-X2 @ E2EZ-X4 @ E2EZ-X8 @ Influence of Sensing Object Size and Material E2EZ-X2 @ E2EZ-X4 @ E2EZ-X8 @ Residual Output Voltage E2EZ-X @D@-N E2EZ-X4Y1/-X8Y1 at 100 VAC E2EZ-X4Y1/-X8Y1 at 200 VAC 0.5 1.0 1.5 Y X 2.0 2.5 8 6 4 2 0 −2 −4 −6 −8 0.0 Distance Y (mm) Sensing Head −2 −4 −6 −8 −10 0 1 2 3 Y X 4 5 10 8 6 4 2 0 Distance Y (mm) Sensing Head 0 1 2 3 4 5 6 −8 −12 −16 −20 X 7 8 9 10 Y 20 16 12 8 4 0 −4 Distance Y (mm) Sensing Head 0 1 2 4 5 X 3 40 30 20 10 Side length of sensing object: d (mm) Brass Iron Aluminum Stainless steel (SUS304) d × d t = 1 mm 0 2 4 8 10 X 6 60 50 40 30 20 10 d × d t = 1 mm Side length of sensing object: d (mm) Brass Iron Aluminum Stainless steel (SUS304) Copper 010 2 4 6 8 10 X 60 50 40 30 20 d × d t = 1 mm Side length of sensing object: d (mm) Iron Brass Aluminum Copper Stainless steel (SUS304) 10 5 3 1 0 1 2 3 4 5 1,000 500 300 100 50 30 Load current (mA) 50 A V ON 100 VAC OFF 200 150 100 50 10 5 0 100 Residual output voltage Residual load voltage Load current (mA) ON 200 VAC V A 100 150 200 0 50 10 5 200 150 100 50 OFF Residual output voltage Residual load voltage Load current (mA) |
Similar Part No. - XS2F-D422-GD0 |
|
Similar Description - XS2F-D422-GD0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |