Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2F-D421-DA0-F Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # XS2F-D421-DA0-F
Description  Chip-immune Inductive Proximity Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-D421-DA0-F Datasheet(HTML) 7 Page - Omron Electronics LLC

  XS2F-D421-DA0-F Datasheet HTML 1Page - Omron Electronics LLC XS2F-D421-DA0-F Datasheet HTML 2Page - Omron Electronics LLC XS2F-D421-DA0-F Datasheet HTML 3Page - Omron Electronics LLC XS2F-D421-DA0-F Datasheet HTML 4Page - Omron Electronics LLC XS2F-D421-DA0-F Datasheet HTML 5Page - Omron Electronics LLC XS2F-D421-DA0-F Datasheet HTML 6Page - Omron Electronics LLC XS2F-D421-DA0-F Datasheet HTML 7Page - Omron Electronics LLC XS2F-D421-DA0-F Datasheet HTML 8Page - Omron Electronics LLC XS2F-D421-DA0-F Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
E2EZ
7
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
Do not use this product under ambient conditions that exceed the
ratings.
● Design
Influence of Surrounding Metal
When mounting the Sensor within a metal panel, ensure that the
clearances given in the following table are maintained. Failure to
maintain these distances may cause deterioration in the performance
of the Sensor.
Influence of Surrounding Metal (Unit: mm)
Mutual Interference
When installing Sensors face-to-face or side-by-side, ensure that the
minimum distances given in the following table are maintained.
Aluminum and Iron Cuttings
Normally aluminum or iron cuttings will not be detected even if they
adhere to or accumulate on the sensing surface.
Detection signals may be output for the following:
If this occurs, remove the cuttings from the sensing surface.
1. Relationship between the Size of the Cutting (d) and the Size of
the Sensing Surface (D)
Cuttings of the size d
D on the sensing surface *
● Mounting
Do not tighten the nut with excessive force.
A washer must be used with the nut.
Note: 1. The allowable tightening strength depends on the distance from the
edge of the head, as shown in the following table. (A is the distance
from the edge of the head. B includes the nut on the head side. If the
edge of the nut is in part A, the tightening torque for part A applies
instead.)
2. The following torque assume washers are being used.
WARNING
Precautions for Correct Use
Item
l
d
D
m
n
Model
Embedded
material
E2EZ-X2
@
Iron
012
0
8
18
Aluminum
225
2
36
E2EZ-X4
@
Iron
018
0
16
27
Aluminum
540
5
54
E2EZ-X8
@
Iron
030
0
32
45
Aluminum
10
70
10
90
D
d dia.
m
n
l
Mutual Interference (Unit: mm)
Model
Item
A
B
E2EZ-X2
@
30
20
E2EZ-X4
@
40
50
E2EZ-X8
@
60
100
A
B
Tightening
Torque
Part A
Part B
Model
Dimension
(mm)
Torque
Torque
E2EZ-X2D
@-@
30 N·m
E2EZ-X4D
@-@
70 N·m
E2EZ-X8D
@-@
180 N·m
E2EZ-X4C1
E2EZ-X4Y1
20
15 N·m
29 N·m
E2EZ-X8C1
E2EZ-X8Y1
22
29 N·m
39 N·m
2
3
D
d
Sensing
surface
Cutting
Cutting
Pressed against
sensing surface.
Cuttings of the size d* (Unit: mm)
*E2EZ-X2
@: d ≥
D on the sensing surface.
2. Cuttings Pressed against the Sensing
Surface
Model
Size
D
E2EZ-X2
@
10 *
E2EZ-X4
@
16
E2EZ-X8
@
28
1
3
Part B
Part A


Similar Part No. - XS2F-D421-DA0-F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-DA0-F OMRON-XS2F-D421-DA0-F Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
More results

Similar Description - XS2F-D421-DA0-F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EZ-X8D1-N OMRON-E2EZ-X8D1-N Datasheet
661Kb / 9P
   Chip-immune Inductive Proximity Sensor
logo
Contrinex AG Industrial...
DW-AS-713-M12-967 CONTRINEX-DW-AS-713-M12-967 Datasheet
281Kb / 6P
   INDUCTIVE SENSOR CHIP IMMUNE
DW-AS-713-M18-967 CONTRINEX-DW-AS-713-M18-967 Datasheet
301Kb / 6P
   INDUCTIVE SENSOR CHIP IMMUNE
DW-AS-713-M30-967 CONTRINEX-DW-AS-713-M30-967 Datasheet
336Kb / 6P
   INDUCTIVE SENSOR CHIP IMMUNE
logo
SICK AG
IME30-15BDSZY2K SICK-IME30-15BDSZY2K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSOR
logo
FOTEK CONTROLS CO., LTD...
PT04-01N FOTEK-PT04-01N Datasheet
1Mb / 8P
   Inductive proximity sensor
logo
Omron Electronics LLC
E2Q2--N20E3-U OMRON-E2Q2--N20E3-U Datasheet
192Kb / 8P
   Inductive Proximity Sensor
logo
FOTEK CONTROLS CO., LTD...
LS-02N FOTEK-LS-02N Datasheet
1Mb / 6P
   Inductive proximity sensor
logo
Panasonic Semiconductor
GS-3S PANASONIC-GS-3S Datasheet
301Kb / 4P
   Compact Inductive Proximity Sensor
GX-MK12A-P PANASONIC-GX-MK12A-P Datasheet
466Kb / 8P
   Cylindrical Inductive Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com