Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2F-D421-DA0-F Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # XS2F-D421-DA0-F
Description  Chip-immune Inductive Proximity Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-D421-DA0-F Datasheet(HTML) 8 Page - Omron Electronics LLC

  XS2F-D421-DA0-F Datasheet HTML 1Page - Omron Electronics LLC XS2F-D421-DA0-F Datasheet HTML 2Page - Omron Electronics LLC XS2F-D421-DA0-F Datasheet HTML 3Page - Omron Electronics LLC XS2F-D421-DA0-F Datasheet HTML 4Page - Omron Electronics LLC XS2F-D421-DA0-F Datasheet HTML 5Page - Omron Electronics LLC XS2F-D421-DA0-F Datasheet HTML 6Page - Omron Electronics LLC XS2F-D421-DA0-F Datasheet HTML 7Page - Omron Electronics LLC XS2F-D421-DA0-F Datasheet HTML 8Page - Omron Electronics LLC XS2F-D421-DA0-F Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
E2EZ
Dimensions
Mounting Hole Dimensions
(Unit: mm)
Tolerance class IT16 applies to dimensions in this data sheet unless otherwise specified.
38
9
10
33
17
4
21 dia.
*1
M12
× 1
15 dia.
M12
× 1
Indicator
*2
Two clamping nuts
Toothed washer
*1. 4-dia. vinyl-insulated round cable with 2 conductors (Conductor cross section: 0.3 mm
2,
Insulator diameter: 1.3 mm), Standard length: 2 m
*2. D1 Models: Operation indicator (red), Setting indicator (green), D2 Models: Operation
indicator (red)
Pre-wired Connector Models (-M1J/M1GJ)
4-dia. vinyl-insulated round cable with
2 conductors (Conductor cross
section: 0.3 mm
2, Insulator diameter:
1.3 mm), Standard length: 300 mm
E2EZ-X2D
@-N
15 dia.
M12
× 1
Pre-wired Connector Models (-M1J/M1GJ)
6-dia. vinyl-insulated round cable with
2 conductors (Conductor cross section:
0.5 mm
2, Insulator diameter: 1.9 mm),
Standard length: 300 mm
E2EZ-X4D
@-N
43
12
10
38
4
24
29 dia.
M18
× 1
*1
Indicator
*2
Two clamping nuts
Toothed washer
*1. 6-dia. vinyl-insulated round cable with 2 conduc-
tors (Conductor cross section: 0.5 mm
2, Insula-
tor diameter: 1.9 mm), Standard length: 2 m
The cable can be extended up to 200 m (sepa-
rate metal conduit).
*2. D1 Models: Operation indicator (red), Setting in-
dicator (green)
D2 Models: Operation indicator (red)
48
12
10
43
5
36
42 dia.
M30
× 1.5
*1
Indicator
*2
Two clamping nuts
Toothed washer
*1. 6-dia. vinyl-insulated round cable with 2 con-
ductors (Conductor cross section: 0.5 mm
2, In-
sulator diameter: 1.9 mm), Standard length: 2 m
The cable can be extended up to 200 m (sepa-
rate metal conduit).
*2. D1 Models: Operation indicator (red), Setting
indicator (green)
D2 Models: Operation indicator (red)
15 dia.
M12
× 1
Pre-wired Connector Models (-M1J/M1GJ)
6-dia. vinyl-insulated round cable with
2 conductors (Conductor cross section:
0.5 mm
2, Insulator diameter: 1.9 mm),
Standard length: 300 mm
E2EZ-X8D
@-N
E2EZ-X4C1
E2EZ-X4Y1
80
60
24
29 dia.
*1
M18
× 1
4
4
Two toothed washers
Two clamping nuts
Indicator
*2
*2. C Models: Detection indicator (red),
Y Models: Operation indicator (red)
*1. C Models: 6-dia. vinyl-insulated round cable with 3 conductors (Conductor cross
section: 0.5 mm
2, Insulator diameter: 1.9 mm), Standard length: 2 m
Y Models: 6-dia. vinyl-insulated round cable with 2 conductors (Conductor cross
section: 0.5 mm
2, Insulator diameter: 1.9 mm), Standard length: 2 m
E2EZ-X8C1
E2EZ-X8Y1
80
60
36
42 dia.
M30
× 1.5
5
5
*1
Two toothed washers
Two clamping nuts
Indicator
*2
*2. C Models: Detection indicator (red),
Y Models: Operation indicator (red)
*1. C Models: 6-dia. vinyl-insulated round cable with 3 conductors (Conductor cross
section: 0.5 mm
2, Insulator diameter: 1.9 mm), Standard length: 2 m
Y Models: 6-dia. vinyl-insulated round cable with 2 conductors (Conductor cross
section: 0.5 mm
2, Insulator diameter: 1.9 mm), Standard length: 2 m
Model
F (mm)
E2EZ-X2
@
12.5 dia.
E2EZ-X4
@
18.5 dia.
E2EZ-X8
@
30.5 dia.
+0.5
−0
+0.5
−0
+0.5
−0
F


Similar Part No. - XS2F-D421-DA0-F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-DA0-F OMRON-XS2F-D421-DA0-F Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
More results

Similar Description - XS2F-D421-DA0-F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EZ-X8D1-N OMRON-E2EZ-X8D1-N Datasheet
661Kb / 9P
   Chip-immune Inductive Proximity Sensor
logo
Contrinex AG Industrial...
DW-AS-713-M12-967 CONTRINEX-DW-AS-713-M12-967 Datasheet
281Kb / 6P
   INDUCTIVE SENSOR CHIP IMMUNE
DW-AS-713-M18-967 CONTRINEX-DW-AS-713-M18-967 Datasheet
301Kb / 6P
   INDUCTIVE SENSOR CHIP IMMUNE
DW-AS-713-M30-967 CONTRINEX-DW-AS-713-M30-967 Datasheet
336Kb / 6P
   INDUCTIVE SENSOR CHIP IMMUNE
logo
SICK AG
IME30-15BDSZY2K SICK-IME30-15BDSZY2K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSOR
logo
FOTEK CONTROLS CO., LTD...
PT04-01N FOTEK-PT04-01N Datasheet
1Mb / 8P
   Inductive proximity sensor
logo
Omron Electronics LLC
E2Q2--N20E3-U OMRON-E2Q2--N20E3-U Datasheet
192Kb / 8P
   Inductive Proximity Sensor
logo
FOTEK CONTROLS CO., LTD...
LS-02N FOTEK-LS-02N Datasheet
1Mb / 6P
   Inductive proximity sensor
logo
Panasonic Semiconductor
GS-3S PANASONIC-GS-3S Datasheet
301Kb / 4P
   Compact Inductive Proximity Sensor
GX-MK12A-P PANASONIC-GX-MK12A-P Datasheet
466Kb / 8P
   Cylindrical Inductive Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com