Electronic Components Datasheet Search |
|
XS2F-D421-DA0-F Datasheet(PDF) 5 Page - Omron Electronics LLC |
|
XS2F-D421-DA0-F Datasheet(HTML) 5 Page - Omron Electronics LLC |
5 / 9 page E2EZ 5 I/O Circuit Diagrams DC 2-Wire Models Leakage Current E2EZ-X4Y1/-X8Y1 E2EZ-X @D@-N Opera- tion mode Model Timing chart Output circuit NO E2EZ-X2D1-N E2EZ-X4D1-N E2EZ-X8D1-N E2EZ-X2D1-M1J E2EZ-X2D1-M1GJ E2EZ-X4D1-M1J E2EZ-X4D1-M1GJ E2EZ-X8D1-M1J E2EZ-X8D1-M1GJ NC E2EZ-X2D2-N E2EZ-X4D2-N E2EZ-X8D2-N 1 2 3 4 5 6 A 250 200 150 100 90 AC power Power supply voltage (V) Protective resistance 020 10 0.5 1.0 1.5 40 30 Power supply voltage (V) 0 80(TYP) 100 (%) Sensing object Rated sensing distance Stable sensing area Non-sensing area Unstable sensing area Set position ON OFF ON OFF ON OFF Setting indicator (green) Operation indicator (red) Control output 0 V +V Load Brown Blue Prox- imity Sensor main circuit Note: The load can be connected to either the +V or 0 V side. 4 3 (M1J) +V 0 V 1 4 0 V +V 4 2 1 3 4 2 1 3 Load Prox- imity Sensor main circuit Note: The load can be connected to either the +V or 0 V side. Load Prox- imity Sensor main circuit Note: The load can be connected to either the +V or 0 V side. Connector Pin Arrangement Note: Pins 1 and 2 are not used. Connector Pin Arrangement Note: Pins 2 and 3 are not used. (M1GJ) 0 100 (%) Sensing object Rated sensing distance Sensing area Non-sensing area ON OFF ON OFF Operation indicator (Red) Control output 0 V +V Load Brown Blue Prox- imity Sensor main circuit Note: The load can be connected to either the +V or 0 V side. |
Similar Part No. - XS2F-D421-DA0-F |
|
Similar Description - XS2F-D421-DA0-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |