Electronic Components Datasheet Search |
|
XS2F-D421-GA0-F Datasheet(PDF) 3 Page - Omron Electronics LLC |
|
XS2F-D421-GA0-F Datasheet(HTML) 3 Page - Omron Electronics LLC |
3 / 9 page E2EZ 3 Ratings and Specifications *1. Use the Sensor within the range in which the green indicator is ON. *2. The response frequency is an average value. Measurement conditions are as follows: standard sensing object, a distance of twice the standard sensing object, and a set distance of half the sensing distance. Model E2EZ-X2D @-N E2EZ-X2D @-M1J E2EZ-X2D @-M1GJ E2EZ-X4D @-N E2EZ-X4D @-M1J E2EZ-X4D @-M1GJ E2EZ-X8D @-N E2EZ-X8D @-M1J E2EZ-X8D @-M1GJ E2EZ-X4C1 E2EZ-X4Y1 E2EZ-X8C1 E2EZ-X8Y1 Item Sensing distance 2 mm ±10% 4 mm ±10% 8 mm ±10% 4 mm ±10% 8 mm ±10% Set distance *1 0 to 1.6 mm 0 to 3.2 mm 0 to 6.4 mm 0 to 3.2 mm 0 to 6.4 mm Differential travel 20% max. of sensing distance Detectable object Ferrous metal (The sensing distance decreases with non-ferrous metal. Refer to Engineering Data on page 4.) Standard sensing object Iron, 12 × 12 × 1 mm Iron, 30 × 30 × 1 mm Iron, 54 × 54 × 1 mm Iron, 30 × 30 × 1 mm Iron, 54 × 54 × 1 mm Response frequency *2 200 Hz 100 Hz 30 Hz C Models: 12 Hz Y Models: 5 Hz C Models: 8 Hz Y Models: 5 Hz Power supply volt- age (operating voltage range) 12 to 24 VDC (10 to 30 VDC), ripple (p-p): 10% max. C Models: 12 to 24 VDC (10 to 30 VDC), ripple (p-p): 10% max. Y Models: 100 to 220 VAC (90 to 250 VAC), 50/60 Hz Current consumption --- C Models: 15 mA max. Leakage current 0.8 mA max. Y Models: 2 mA max. at 100 VAC, 3 mA max. at 200 VAC Con- trol output Load cur- rent 3 to 100 mA max. C Models: NPN open-collector output 100 mA max. at 12 VDC (30 VDC max.) 200 mA max. at 24 VDC (30 VDC max.) Y Models: 10 to 200 mA Residual voltage 3 V max. (Load current: 100 mA, Cable length: 2 m) C Models: 2 V max. (Load current: 200 mA, Cable length: 2 m) Y Models: Refer to residual voltage characteristic data Refer to page 4. Indicators D1 Models: Operation indicator (red), Setting indicator (green) D2 Models: Operation indicator (red) C Models: Detection indicator (red) Y Models: Operation indicator (red) Operation mode (with sensing ob- ject approaching) D1 Models: NO D2 Models: NC For details, refer to the Timing chart on page 5. NO For details, refer to the Timing chart on page 6. Protection circuits Load short-circuit protection, Surge suppressor C Models: Load short-circuit protection, Reverse polarity protection, Surge suppressor Y Models: Surge suppressor Ambient temperature range Operating/Storage: 0 to 50 °C (with no icing or condensation) Ambient humidity range Operating/Storage: 35% to 95% (with no condensation) Temperature influence ±20% max. of sensing distance at 23°C in the temperature range of 0 to 50°C Voltage influence ±2.5% max. of sensing distance at rated voltage in the rated voltage ±10% range Insulation resistance 50 M Ω min. (at 500 VDC) between current-carrying parts and case Dielectric strength 1,000 VAC, 50/60 Hz for 1 minute between current-carrying parts and case C Models: 1,000 VAC, 50/60 Hz for 1 min between cur- rent-carrying parts and case Y Models: 2,000 VAC, 50/60 Hz for 1 min between cur- rent-carrying parts and case Vibration resistance Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions Shock resistance Destruction: 1,000 m/s2 10 times each in X, Y, and Z directions Degree of protection IEC 60529 IP67, in-house standards: oil-resistant Connection method Pre-wired Models (Standard cable length: 2 m) and Pre-wired Connector Models Weight (packed state) E2EZ-X2D @-N: Approx. 70 g E2EZ-X2D @-M1J: Approx. 40 g E2EZ-X2D @-M1GJ: Approx. 40 g E2EZ-X4D @-N: Approx. 160 g E2EZ-X4D @-M1J: Approx. 90 g E2EZ-X4D @-M1GJ: Approx. 90 g E2EZ-X8D @-N: Approx. 220 g E2EZ-X8D @-M1J: Approx. 160 g E2EZ-X8D @-M1GJ: Approx. 160 g Approx. 170 g Approx. 270 g Materi- als Case Nickel-plated brass Sensing surface PBT Heat-resistant ABS Clamp- ing nuts Zinc-plated iron Toothed washer Zinc-plated iron Accessories Instruction manual |
Similar Part No. - XS2F-D421-GA0-F |
|
Similar Description - XS2F-D421-GA0-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |