Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2F-D422-GA0-F Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XS2F-D422-GA0-F
Description  Chip-immune Inductive Proximity Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-D422-GA0-F Datasheet(HTML) 6 Page - Omron Electronics LLC

  XS2F-D422-GA0-F Datasheet HTML 1Page - Omron Electronics LLC XS2F-D422-GA0-F Datasheet HTML 2Page - Omron Electronics LLC XS2F-D422-GA0-F Datasheet HTML 3Page - Omron Electronics LLC XS2F-D422-GA0-F Datasheet HTML 4Page - Omron Electronics LLC XS2F-D422-GA0-F Datasheet HTML 5Page - Omron Electronics LLC XS2F-D422-GA0-F Datasheet HTML 6Page - Omron Electronics LLC XS2F-D422-GA0-F Datasheet HTML 7Page - Omron Electronics LLC XS2F-D422-GA0-F Datasheet HTML 8Page - Omron Electronics LLC XS2F-D422-GA0-F Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
E2EZ
DC 3-wire Models
AC 2-Wire Models
Connections for Sensor I/O Connectors
Operation
mode
Model
Timing chart
Output circuit
NO
E2EZ-X4C1
E2EZ-X8C1
Operation
mode
Model
Timing chart
Output circuit
NO
E2EZ-X4Y1
E2EZ-X8Y1
Present
Not present
Operate
Reset
ON
OFF
Sensing object
Load
Detection indicator (red)
2.2
Ω
+V
*
0 V
Proximity
Sensor
main
circuit
Load
Brown
Black
Output
Blue
* 100 mA max. at 12 V, 200 mA max. at 24 V
(load current).
Present
Not present
Operate
Reset
ON
OFF
Sensing object
Load
Operation indicator (red)
Load
Brown
Blue
Prox-
imity
Sensor
main
circuit
Proximity Sensor
Sensor I/O Connectors
Connections
Model
Operation
mode
Model
Model
DC 2-Wire Models
(IEC pin wiring)
NO
E2EZ-X
@D1-M1GJ
DC 2-Wire Models
(previous pin wir-
ing)
E2EZ-X
@D1-M1J
DC 2-Wire Models
(IEC pin wiring)
E2EZ-X
@D1-M1TGJ
DC 2-Wire Models
(previous pin wir-
ing)
E2EZ-X
@D1-M1TJ
XS2F-D42
@-@A0-F
1: Straight
2: L-shape
D: 2-m cable
G: 5-m cable
XS2F
4
3
2
1
4
3
2
1
E2EZ
Brown (+)
Blue (
−)
XS2F-D42
@-@D0
1: Straight
2: L-shape
D: 2-m cable
G: 5-m cable
2
XS2F
4
3
2
1
4
3
1
E2EZ
Blue (
−)
Brown (+)
XS5F-D421-
@80-F
D: 2-m cable
G: 5-m cable
XS5F
4
3
2
1
4
3
2
1
E2EZ
Brown (+)
White
Blue
Black (
−)
2
XS5F
4
3
2
1
4
3
1
E2EZ
Blue (
−)
Black (+)
Brown
White
Refer to Introduction to Sensor I/O Connectors/Sensor Controllers for details.


Similar Part No. - XS2F-D422-GA0-F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D422-GA0-A OMRON-XS2F-D422-GA0-A Datasheet
294Kb / 8P
   A Series of Spatter-resistant Proximity Sensors with a Teflon-coated Metal Housing
More results

Similar Description - XS2F-D422-GA0-F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EZ-X8D1-N OMRON-E2EZ-X8D1-N Datasheet
661Kb / 9P
   Chip-immune Inductive Proximity Sensor
logo
Contrinex AG Industrial...
DW-AS-713-M12-967 CONTRINEX-DW-AS-713-M12-967 Datasheet
281Kb / 6P
   INDUCTIVE SENSOR CHIP IMMUNE
DW-AS-713-M18-967 CONTRINEX-DW-AS-713-M18-967 Datasheet
301Kb / 6P
   INDUCTIVE SENSOR CHIP IMMUNE
DW-AS-713-M30-967 CONTRINEX-DW-AS-713-M30-967 Datasheet
336Kb / 6P
   INDUCTIVE SENSOR CHIP IMMUNE
logo
SICK AG
IME30-15BDSZY2K SICK-IME30-15BDSZY2K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSOR
logo
FOTEK CONTROLS CO., LTD...
PT04-01N FOTEK-PT04-01N Datasheet
1Mb / 8P
   Inductive proximity sensor
logo
Omron Electronics LLC
E2Q2--N20E3-U OMRON-E2Q2--N20E3-U Datasheet
192Kb / 8P
   Inductive Proximity Sensor
logo
FOTEK CONTROLS CO., LTD...
LS-02N FOTEK-LS-02N Datasheet
1Mb / 6P
   Inductive proximity sensor
logo
Panasonic Semiconductor
GS-3S PANASONIC-GS-3S Datasheet
301Kb / 4P
   Compact Inductive Proximity Sensor
GX-MK12A-P PANASONIC-GX-MK12A-P Datasheet
466Kb / 8P
   Cylindrical Inductive Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com