Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMG2412SC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # NMG2412SC
Description  Isolated 2W Single Output DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NMG2412SC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  NMG2412SC Datasheet HTML 1Page - Murata Power Solutions Inc. NMG2412SC Datasheet HTML 2Page - Murata Power Solutions Inc. NMG2412SC Datasheet HTML 3Page - Murata Power Solutions Inc. NMG2412SC Datasheet HTML 4Page - Murata Power Solutions Inc. NMG2412SC Datasheet HTML 5Page - Murata Power Solutions Inc. NMG2412SC Datasheet HTML 6Page - Murata Power Solutions Inc. NMG2412SC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NMG Series
Isolated 2W Single Output DC/DC Converters
KDC_NMG.D01 Page 2 of 7
www.murata-ps.com
www.murata-ps.com/support
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso= 1000VDC
10
GΩ
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
24V output types
70
kHz
All other types
60
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
85
°C
Storage
-50
125
Case Temperature above
ambient
5V input types and 5V output types
30
All other types
25
Cooling
Free air convection
EFFICIENCY VS LOAD
5V Input
12V Input
15V Input
24V Input
0
10
20
30
40
50
60
70
80
90
0
10
20
30
40
50
60
70
80
90
100
Load (%)
NMG0512SC
NMG0505SC
NMG0509SC
NMG0515SC
NMG0524SC
0
10
20
30
40
50
60
70
80
90
0
10
20
30
40
50
60
70
80
90
100
Load (%)
NMG1505SC
NMG1509SC
NMG1512SC
NMG1515SC
0
10
20
30
40
50
60
70
80
90
0
10
20
30
40
50
60
70
80
90
100
Load (%)
NMG1205SC
NMG1209SC
NMG1212SC
NMG1215SC
NMG1224SC
0
10
20
30
40
50
60
70
80
90
0
10
20
30
40
50
60
70
80
90
100
Load (%)
NMG2405SC
NMG2409SC
NMG2412SC
NMG2415SC


Similar Part No. - NMG2412SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NMG2412SC MURATA-PS-NMG2412SC Datasheet
195Kb / 9P
   Isolated 2W Single Output DC-DC Converters
2023
More results

Similar Description - NMG2412SC

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
   Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
   2W Isolated Single Output DC/DC Converters
TPL-3KVDC TOPPOWER-TPL-3KVDC Datasheet
169Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XM-2W MICRODC-B-XM-2W Datasheet
932Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NML0505SC MURATA-NML0505SC Datasheet
206Kb / 5P
   Isolated 2W Single Output DC/DC Converters
logo
Microdc power Technolog...
2B-XNM MICRODC-2B-XNM Datasheet
655Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL-2W TOPPOWER-TPL-2W Datasheet
115Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
C&D Technologies
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
   Isolated 2W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com