Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1091 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1091
Description  Integrated IEEE 802.3af PoE-PD Interface Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1091 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1091 Datasheet HTML 3Page - ON Semiconductor NCP1091 Datasheet HTML 4Page - ON Semiconductor NCP1091 Datasheet HTML 5Page - ON Semiconductor NCP1091 Datasheet HTML 6Page - ON Semiconductor NCP1091 Datasheet HTML 7Page - ON Semiconductor NCP1091 Datasheet HTML 8Page - ON Semiconductor NCP1091 Datasheet HTML 9Page - ON Semiconductor NCP1091 Datasheet HTML 10Page - ON Semiconductor NCP1091 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCP1090, NCP1091, NCP1092
http://onsemi.com
7
Description of Operation
Powered Device Interface
The integrated PD interface supports the IEEE 802.3af
defined operating modes: detection signature, current
source classification, undervoltage lockout, inrush and
operating current limits. The following sections give an
overview of these previous processes.
Detection
During the detection phase, the incremental equivalent
resistance seen by the PSE through the cable must be in the
IEEE 802.3af standard specification range (23.70 k
W to
26.30 k
W) for a PSE voltage from 2.7 V to 10.1 V. In order
to compensate for the non−linear effect of the diode bridge
and satisfy the specification at low PSE voltage, the
NCP1090/91/92 present a suitable impedance in parallel
with the 24.9 k
W Rdet external resistor. For some types of
diodes (especially Schottky diodes), it may be necessary to
adjust this external resistor.
The Rdet resistor has to be inserted between VPORTP and
DET pins. During the detection phase, the DET pin is pulled
to ground and goes in high impedance mode (open−drain)
once the device exit this mode, reducing thus the current
consumption on the cable.
Classification
Once the PSE device has detected the PD device, the
classification process begins. In classification, the PD
regulates a constant current source that is set by the external
resistor RCLASS value on the CLASS pin. Figure 4 shows
the schematic overview of the classification block. The
current source is defined as:
Iclass +
9.8 V
Rclass
Figure 4. Classification Block Diagram
CLASS
VPORTP
1.2 V
EN
Class_enable
VPORTP
VPORTN
9.8 V
Power Mode
When the classification hand−shake is completed, the
PSE and PD devices move into the operating mode.
Under Voltage Lock Out (UVLO)
The NCP1090/91/92 incorporate a fixed under voltage
lock out (ULVO) circuit which monitors the input voltage
and determines when to turn on the pass switch and charge
the dc−dc converter input capacitor before the power up of
the application.
The NCP1091 offers a fixed or adjustable Vuvlo_on
threshold depending if the UVLO pin is used or not. In
Figure 5, the UVLO pin is strapped to ground and the
Vuvlo_on threshold is defined by the internal level.
Figure 5. Default Internal UVLO Configuration
(NCP1091 only)
UVLO
VPORTP
VPORTN1,2
VPORT
To define the UVLO threshold externally, the ULVO pin
must be connected to the center of an external resistor
divider between VPORTP and VPORTN as shown in
Figure 6.
In order to guarantee the detection signature, the
equivalent input resistor made of the Ruvlo1, Ruvlo2 and
Rdet should be equal to 24.9 k
W.
UVLO
VPORTN1,2
VPORT
Ruvlo2
Ruvlo1
VPORTP
NCP1091
DET
Rdet
Figure 6. Default Internal UVLO Configuration
(NCP1091 only)
For a Vuvlo_on desired turn−on voltage threshold,
Ruvlo1 and Ruvlo2 can be calculated using the following
equations:
Ruvlo +
24.9 k @ Rdet
Rdet * 24.9 k
Ruvlo1 ) Ruvlo2 + Ruvlo
with
Ruvlo2 +
1.2
Vuvlo_on @
Ruvlo
and
With:
Vuvlo_on: Desired Turn−On voltage threshold


Similar Part No. - NCP1091

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1091 ONSEMI-NCP1091 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091 ONSEMI-NCP1091 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091 ONSEMI-NCP1091 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
More results

Similar Description - NCP1091

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
STMicroelectronics
STHS4257A STMICROELECTRONICS-STHS4257A Datasheet
197Kb / 18P
   IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
logo
Texas Instruments
TPS2376-H TI-TPS2376-H Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
   PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
NCP1096 ONSEMI-NCP1096 Datasheet
444Kb / 17P
   PoE-PD Interface Controller, IEEE 802.3bt
July, 2020 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com