Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R632-01 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R632-01
Description  PHOTOMULTlPLlER TUBES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R632-01 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R632-01 Datasheet HTML 1Page - Hamamatsu Corporation R632-01 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHOTOMULTlPLlER TUBES R632, R632–01
Figure 1: Typical Spectral Response
Figure 2: Typical Gain and Anode Dark Current
Figure 3: Typical Temperature Characteristics
of Dark Current
Figure 4: Dimensional Outline and Basing Diagram
(Unit : mm)
BOTTOM VIEW
(BASING DIAGRAM)
Socket
(E678 – 12L)
TPMHB0356EA
200
1000
400
600
0.01
100
0.1
1
10
WAVELENGTH (nm)
CATHODE
RADIANT
SENSITIVITY
QUANTUM
EFFICIENCY
R632-01
R632
800
TPMHB0357EA
500
600
700
800
1000
1500
100
101
103
104
106
107
SUPPLY VOLTAGE (V)
102
105
10-10
10-9
10-7
10-6
10-4
10-3
10-8
10-5
GAIN
R632
DARK
CURRE
NT
R632-01
DARK
CUR
RE
NT
TPMHB0358EA
-40
30
AMBIENT TEMPERATURE (°C)
10-12
10-11
10-9
10-8
10-6
10-5
10-10
10-7
-30
-20
-10
0
10
20
TUBE TYPE: R632-01
TPMHA0360EA
TACCA0047EA
FACEPLATE
18.6 0.7
15MIN.
PHOTOCATHODE
12 PIN BASE
DY3
DY5
DY7
DY9
P
SHORT PIN
1
2
3
4
5
6
7
8
9
10
11
12
DY10
DY8
DY6
DY4
DY2
K
DY1
35
360
13
2– 3.2
28.6
13
18
13
18
2
2-R4
TPMH1142E01
FEB. 1996
HAMAMATSU PHOTONICS K.K., Electoron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limted: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: (44)181-367-3560, Fax: (44)181-367-6384
North Europe: Hamamatsu Photonics Norden AB: Färögatan 7, S-164-40 Kista Sweden, Telephone: (46)8-703-29-50, Fax: (46)8-750-58-95
Italy: Hamamatsu Photonics Italia: S.R.L.: Via Della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)2-935 81 733, Fax: (39)2-935 81 741


Similar Part No. - R632-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R630 ETC2-R630 Datasheet
827Kb / 2P
   PCB Accessories R600 Edge Connectors
logo
Harwin Plc
R6308-02 HARWIN-R6308-02 Datasheet
500Kb / 1P
   M3 CIRCULAR SLOTTED FEMALE SPACER
logo
Hamamatsu Corporation
R6350 HAMAMATSU-R6350 Datasheet
81Kb / 6P
   NEW COMPACT TYPE PMT SERIES
R6350 HAMAMATSU-R6350 Datasheet
233Kb / 8P
   13 mm Dia. SIDE-ON COMPACT TYPE PHOTOMULTIPLIER TUBE
logo
Harwin Plc
R6350-02 HARWIN-R6350-02 Datasheet
400Kb / 2P
   THRADED SPACER-ROUND
More results

Similar Description - R632-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1527 HAMAMATSU-R1527 Datasheet
84Kb / 4P
   PHOTOMULTlPLlER TUBES
R2693 HAMAMATSU-R2693 Datasheet
68Kb / 4P
   PHOTOMULTlPLlER TUBES
R3788 HAMAMATSU-R3788 Datasheet
73Kb / 4P
   PHOTOMULTlPLlER TUBES
R7447 HAMAMATSU-R7447 Datasheet
68Kb / 4P
   PHOTOMULTlPLlER TUBES
R4220 HAMAMATSU-R4220 Datasheet
75Kb / 4P
   PHOTOMULTlPLlER TUBES
R980 HAMAMATSU-R980 Datasheet
66Kb / 2P
   PHOTOMULTlPLlER TUBES
R7446 HAMAMATSU-R7446 Datasheet
70Kb / 4P
   PHOTOMULTlPLlER TUBES
R877 HAMAMATSU-R877 Datasheet
20Kb / 2P
   PHOTOMULTlPLlER TUBES
R3310-02 HAMAMATSU-R3310-02 Datasheet
85Kb / 4P
   PHOTOMULTlPLlER TUBES
R464 HAMAMATSU-R464 Datasheet
35Kb / 2P
   PHOTOMULTlPLlER TUBES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com