Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6351 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # R6351
Description  NEW COMPACT TYPE PMT SERIES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R6351 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  R6351 Datasheet HTML 1Page - Hamamatsu Corporation R6351 Datasheet HTML 2Page - Hamamatsu Corporation R6351 Datasheet HTML 3Page - Hamamatsu Corporation R6351 Datasheet HTML 4Page - Hamamatsu Corporation R6351 Datasheet HTML 5Page - Hamamatsu Corporation R6351 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Measured using red filter Toshiba R-68.
Anode characteristics are measured with the supply voltage
and voltage distribution ratio specified by Note
.
Voltage distribution ratio and voltage.
Figure 3: Typical Spectral Response of MA, LMA
TPMSB0115EA
Figure 4: Typical Spectral Response of High Sensitivity MA
TPMSB0116EA
Photon counting type:
R6350P: 10cps Typ.
Photon counting type:
R6353P: 10cps Typ.
Photon counting type:
R6358P: 20cps Typ.
R6350
R6351
R6352
R6353
R6354
R6355
R6356
R6357 *
R6358
5
5
10
6.5
6
7
13
7.5
0.15
0.3
0.4
0.15
48
48
90
65
62
45
60
105
70
1000
1000
1000
1000
1000
1000
1000
1000
1000
50
50
100
100
100
400
1000
300
300
300
700
400
600
2500
2000
700
3.6
× 105
3.6
× 105
5.2
× 105
3.7
× 105
1.8
× 105
1.8
× 105
6
× 105
4.2
× 105
2.5
× 105
7.5
× 106
7.5
× 106
5.8
× 106
5.7
× 106
3
× 106
4
× 106
1
× 107
4
× 106
3.5
× 106
0.5
0.5
1
0.1
0.5
1
1
2
0.1
5
5
10
2
5
10
10
10
1
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
15
15
15
15
15
15
15
15
15
Measured at the peak wavelength.
: at 254nm
Refer to Note
.
Type No.
Notes
Luminous
Min.
Anode Sensitivity
Anode Characteristics
Blue
(5-58)
Typ.
Red/
White
Ratio
Typ.
Anode to
Cathode
Supply
Voltage
Radiant
Typ.
Anode Dark
Current
(After 30 min.)
Typ.
Cathode Sensitivity
(
µA/lm-b)
Current
Amplifi-
cation
Typ.
Radiant
Typ.
(mA/W)
(Vdc)
(A/lm)
Typ.
(A/lm)
(nm)
Rise
Time
Typ.
(ns)
Electron
Transit
Time
Typ.
(ns)
(nA)
Max.
(nA)
Time Response
Supply Voltage: 1000Vdc, K: Cathode, Dy: Dynode, P: Anode
Electrodes
Distribution Ratio
K
Dy1
1
Dy2
1
Dy3
1
Dy4
1
Dy5
1
Dy6
1
Dy7
1
Dy8
1
Dy9
P
11
0.01
700
500
300
100
0.1
1
10
WAVELENGTH (nm)
100
RADIANT SENSITIVITY
QUANTUM EFFICIENCY
200
400
600
R6358
800
R6355
900 1000
0.01
700
500
300
1000
0.1
1
10
WAVELENGTH (nm)
100
RADIANT SENSITIVITY
QUANTUM EFFICIENCY
200
400
600
800
900 1000
100
R6357
R6356


Similar Part No. - R6351

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R6351 HAMAMATSU-R6351 Datasheet
233Kb / 8P
   13 mm Dia. SIDE-ON COMPACT TYPE PHOTOMULTIPLIER TUBE
logo
Harwin Plc
R6351-02 HARWIN-R6351-02 Datasheet
400Kb / 2P
   THRADED SPACER-ROUND
More results

Similar Description - R6351

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H7710 HAMAMATSU-H7710 Datasheet
81Kb / 2P
   Compact Side-on PMT
H7827 HAMAMATSU-H7827_15 Datasheet
82Kb / 2P
   Compact Head-on PMT
H7711 HAMAMATSU-H7711 Datasheet
86Kb / 2P
   Compact Side-on PMT
H7827 HAMAMATSU-H7827 Datasheet
88Kb / 2P
   Compact Head-on PMT
H7828 HAMAMATSU-H7828_15 Datasheet
83Kb / 2P
   Compact Head-on PMT
H7826 HAMAMATSU-H7826_15 Datasheet
84Kb / 1P
   Compact Head-on PMT
H7826 HAMAMATSU-H7826 Datasheet
84Kb / 2P
   Compact Head-on PMT
H7828 HAMAMATSU-H7828 Datasheet
85Kb / 2P
   Compact Head-on PMT
logo
Vincotech
10-0B066PA010SB-M993F09 VINCOTECH-10-0B066PA010SB-M993F09 Datasheet
1Mb / 17P
   New ultra-compact housing
logo
Omron Electronics LLC
XM7A-0442 OMRON-XM7A-0442 Datasheet
154Kb / 3P
   New, Compact, USB-Compliant Interface Connectors.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com