Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVT2010 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NVT2010
Description  Bidirectional voltage-level translator for open-drain and push-pull applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NVT2010 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NVT2010 Datasheet HTML 2Page - NXP Semiconductors NVT2010 Datasheet HTML 3Page - NXP Semiconductors NVT2010 Datasheet HTML 4Page - NXP Semiconductors NVT2010 Datasheet HTML 5Page - NXP Semiconductors NVT2010 Datasheet HTML 6Page - NXP Semiconductors NVT2010 Datasheet HTML 7Page - NXP Semiconductors NVT2010 Datasheet HTML 8Page - NXP Semiconductors NVT2010 Datasheet HTML 9Page - NXP Semiconductors NVT2010 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
NVT2008_NVT2010
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 27 January 2014
6 of 33
NXP Semiconductors
NVT2008; NVT2010
Bidirectional voltage-level translator
6.
Functional description
Refer to Figure 1 “Logic diagram of NVT2008/10 (positive logic)”.
6.1 Function table
[1]
EN is controlled by the Vref(B) logic levels and should be at least 1 V higher than Vref(A) for best translator
operation.
7.
Application design-in information
The NVT2008/10 can be used in level translation applications for interfacing devices or
systems operating at different interface voltages with one another. The NVT2008/10 is
ideal for use in applications where an open-drain driver is connected to the data I/Os. The
NVT2008/10 can also be used in applications where a push-pull driver is connected to the
data I/Os.
7.1 Enable and disable
The NVT20xx has an EN input that is used to disable the device by setting EN LOW,
which places all I/Os in the high-impedance state.
Table 4.
Function selection (example)
H = HIGH level; L = LOW level.
Input EN[1]
Function
HAn = Bn
L
disconnect
(1) The applied voltages at Vref(A) and Vpu(D) should be such that Vref(B) is at least 1 V higher than
Vref(A) for best translator operation.
Fig 7.
Typical application circuit (switch always enabled)
002aae134
A1
A2
VREFA
GND
3
4
VREFB
1
6
5
B1
B2
8EN
SW
SW
NVT2002
7
200 k
Ω
RPU
RPU
Vpu(D) = 3.3 V(1)
I2C-BUS
DEVICE
SCL
SDA
VCC
GND
2
Vref(A) = 1.8 V(1)
RPU
RPU
I2C-BUS
MASTER
SCL
SDA
VCC
GND


Similar Part No. - NVT2010

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NVT2010 NXP-NVT2010 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - NVT2010

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 PHILIPS-NVT2001 Datasheet
217Kb / 23P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002_15 Datasheet
280Kb / 12P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
UM2001P UNIONSEMI-UM2001P Datasheet
245Kb / 10P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
logo
Texas Instruments
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
   4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Texas Instruments
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com