Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6352 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # R6352
Description  NEW COMPACT TYPE PMT SERIES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R6352 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  R6352 Datasheet HTML 1Page - Hamamatsu Corporation R6352 Datasheet HTML 2Page - Hamamatsu Corporation R6352 Datasheet HTML 3Page - Hamamatsu Corporation R6352 Datasheet HTML 4Page - Hamamatsu Corporation R6352 Datasheet HTML 5Page - Hamamatsu Corporation R6352 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Figure 5: Typical Current Amplification
TPMSB0117EA
Figure 6: Typical Time Response
TPMSB0118EA
102
700
500
107
103
104
105
SUPPLY VOLTAGE (V)
250 300
1500
1000
106
R6350
108
R6356
2000
1
500
10
SUPPLY VOLTAGE (V)
1500
1000
TRANSIT TIME
100
2000
RISE TIME
Figure 7: Typical ENI Characteristics
TPMSB0119EA
Figure 8: Typical Anode Uniformity
TPMSC0036EA
10-17
100
10-12
10-16
10-15
10-14
WAVELENGTH (nm)
800
500
10-13
1000
R6357
200 300 400
600 700
900
R6353
R6350
BULB
INSULATOR
BASE PIN
PHOTOCATHODE
MESH
R6357: MESHLESS
TYPE
TOP VIEW
LEFT
RIGHT
1
22
1
0
3.7mm
(mm)
0
50
100


Similar Part No. - R6352

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R6352 HAMAMATSU-R6352 Datasheet
233Kb / 8P
   13 mm Dia. SIDE-ON COMPACT TYPE PHOTOMULTIPLIER TUBE
logo
Harwin Plc
R6352-02 HARWIN-R6352-02 Datasheet
400Kb / 2P
   THRADED SPACER-ROUND
More results

Similar Description - R6352

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H7710 HAMAMATSU-H7710 Datasheet
81Kb / 2P
   Compact Side-on PMT
H7827 HAMAMATSU-H7827_15 Datasheet
82Kb / 2P
   Compact Head-on PMT
H7711 HAMAMATSU-H7711 Datasheet
86Kb / 2P
   Compact Side-on PMT
H7827 HAMAMATSU-H7827 Datasheet
88Kb / 2P
   Compact Head-on PMT
H7828 HAMAMATSU-H7828_15 Datasheet
83Kb / 2P
   Compact Head-on PMT
H7826 HAMAMATSU-H7826_15 Datasheet
84Kb / 1P
   Compact Head-on PMT
H7826 HAMAMATSU-H7826 Datasheet
84Kb / 2P
   Compact Head-on PMT
H7828 HAMAMATSU-H7828 Datasheet
85Kb / 2P
   Compact Head-on PMT
logo
Vincotech
10-0B066PA010SB-M993F09 VINCOTECH-10-0B066PA010SB-M993F09 Datasheet
1Mb / 17P
   New ultra-compact housing
logo
Omron Electronics LLC
XM7A-0442 OMRON-XM7A-0442 Datasheet
154Kb / 3P
   New, Compact, USB-Compliant Interface Connectors.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com