Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH1CV6DPQ-E0 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJH1CV6DPQ-E0
Description  Short circuit withstand time (5 us typ.)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH1CV6DPQ-E0 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJH1CV6DPQ-E0_13 Datasheet HTML 1Page - Renesas Technology Corp RJH1CV6DPQ-E0_13 Datasheet HTML 2Page - Renesas Technology Corp RJH1CV6DPQ-E0_13 Datasheet HTML 3Page - Renesas Technology Corp RJH1CV6DPQ-E0_13 Datasheet HTML 4Page - Renesas Technology Corp RJH1CV6DPQ-E0_13 Datasheet HTML 5Page - Renesas Technology Corp RJH1CV6DPQ-E0_13 Datasheet HTML 6Page - Renesas Technology Corp RJH1CV6DPQ-E0_13 Datasheet HTML 7Page - Renesas Technology Corp RJH1CV6DPQ-E0_13 Datasheet HTML 8Page - Renesas Technology Corp RJH1CV6DPQ-E0_13 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RJH1CV6DPQ-E0
Preliminary
R07DS0524EJ0700 Rev.7.00
Page 4 of 9
Jun 13, 2013
60
80
40
20
0
1.0
4.0
3.5
2.5
3.0
2.0
1.5
10
8
6
4
2
0
Typical Transfer Characteristics
Gate to Emitter Voltage VGE (V)
Gate to Emitter Cutoff Voltage
vs. Case Temparature (Typical)
−25
0
25
75
125
50
100
150
VCE = 10 V
Pulse Test
Case Temparature Tc (°C)
1 mA
IC = 10 mA
Gate to Emitter Voltage VGE (V)
1
3
2
4
5
1
3
2
4
5
812
20
16
10
18
14
8
12
20
16
10
18
14
Collector to Emitter Satularion Voltage vs.
Gate to Emitter Voltage (Typical)
Collector to Emitter Satularion Voltage vs.
Gate to Emitter Voltage (Typical)
Gate to Emitter Voltage VGE (V)
Tc = 25°C
Pulse Test
Tc = 150°C
Pulse Test
IC = 60 A
30 A
IC = 60 A
30 A
0
4
8
12
20
16
Tc= 25°C
150°C
VCE = 10 V
Pulse Test
Collector to Emitter Saturation Voltage
vs. Case Temparature (Typical)
−25
0
25
75
125
50
100
150
Case Temparature Tc (°C)
30 A
IC = 60 A
VGE = 15 V
Pulse Test
25
20
15
10
5
0
Frequency Characteristics (Typical)
Frequency f (kHz)
1
100
10
1000
Tj = 125°C
Tc = 90°C
VCE = 400 V
VGE = 15 V
Rg = 5
Ω
duty = 50%
0
Collector current wave
(Square wave)


Similar Part No. - RJH1CV6DPQ-E0_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH1CV6DPQ-E0 RENESAS-RJH1CV6DPQ-E0_15 Datasheet
120Kb / 10P
   1200V - 30A - IGBT Application: Inverter
More results

Similar Description - RJH1CV6DPQ-E0_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60V1BDPE RENESAS-RJH60V1BDPE Datasheet
108Kb / 10P
   Short circuit withstand time (6s typ.)
logo
DinTek Semiconductor Co...
DTGN40N60 DINTEK-DTGN40N60 Datasheet
1Mb / 10P
   Short Circuit Withstand Times ⋎10us
logo
ECS, Inc.
ETXO-H ECS-ETXO-H Datasheet
416Kb / 3P
   Short Lead time
logo
Abracon Corporation
ASG2-LJ ABRACON-ASG2-LJ Datasheet
3Mb / 6P
   Short lead time
06/03/2016
logo
ECS, Inc.
ECXV-P ECS-ECXV-P Datasheet
493Kb / 3P
   Short Lead time
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
logo
Abracon Corporation
ASG2-P ABRACON-ASG2-P Datasheet
2Mb / 4P
   Short lead time
07.01.14
logo
ECS, Inc.
ETXO-L ECS-ETXO-L Datasheet
864Kb / 3P
   Short Lead time
ETXO-P ECS-ETXO-P Datasheet
1Mb / 3P
   Short Lead time
logo
Nell Semiconductor Co.,...
70FD NELLSEMI-70FD Datasheet
630Kb / 6P
   Short reverse recovery time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com