Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS0-5104AEH-Q Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS0-5104AEH-Q
Description  Radiation Hardened, Low Noise Quad Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS0-5104AEH-Q Datasheet(HTML) 2 Page - Intersil Corporation

  HS0-5104AEH-Q Datasheet HTML 1Page - Intersil Corporation HS0-5104AEH-Q Datasheet HTML 2Page - Intersil Corporation HS0-5104AEH-Q Datasheet HTML 3Page - Intersil Corporation HS0-5104AEH-Q Datasheet HTML 4Page - Intersil Corporation HS0-5104AEH-Q Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HS-5104ARH, HS-5104AEH
2
FN3025.5
July 12, 2013
Pin Configuration
HS1-5104ARH, HS1-5104AEH
(14 LD SBDIP)
TOP VIEW
HS9-5104ARH, HS9-5104AEH
(14 LD FLATPACK)
TOP VIEW
Irradiation Circuit
NOTES:
3. +V = 15V
4. -V = -15V
5. Group E Sample Size = 4 Die Per Wafer
Burn In Circuit
NOTES:
6. R1 = R2 = R3 = R4 = 1MW, 5%, 1/4W (Min)
7. C1 = C2 = 0.01µF/Socket (Min) or 0.1µF/Row (Min)
8. D1 = D2 = IN4002 or Equivalent/Board
9. |(V+) - (V-)| = 31V ±1V
1
2
3
4
5
6
7
14
13
12
11
10
9
8
V+
OUT 1
-IN1
+IN1
+IN2
-IN2
OUT 2
V-
OUT 3
OUT 4
-IN3
+IN3
+IN4
-IN4
V+
OUT 1
-IN1
+IN1
+IN2
-IN2
OUT 2
V-
OUT 3
OUT 4
-IN3
+IN3
+IN4
-IN4
14
13
12
11
10
9
8
2
3
4
5
6
7
1
+
+15V
-15V
(ONE OF FOUR)
-
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
4
2
3
C1
D1
+V
C2
D2
-V
R2
R1
R3
R4
+
-
+
-
+
-
+
-


Similar Part No. - HS0-5104AEH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS0-5104ARH-Q INTERSIL-HS0-5104ARH-Q Datasheet
38Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS0-5104ARH-Q INTERSIL-HS0-5104ARH-Q Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
More results

Similar Description - HS0-5104AEH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH-T INTERSIL-HS-5104ARH-T Datasheet
24Kb / 2P
   Radiation Hardened Low Noise Quad Operational Amplifier
logo
List of Unclassifed Man...
5962-88565 ETC2-5962-88565 Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
logo
Analog Devices
5962-88565022A AD-5962-88565022A Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
logo
Intersil Corporation
HS-OP470ARH INTERSIL-HS-OP470ARH Datasheet
27Kb / 2P
   Radiation Hardened, Very Low Noise Quad Operational Amplifier
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_05 Datasheet
239Kb / 12P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
MC33079 STMICROELECTRONICS-MC33079 Datasheet
95Kb / 9P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
November 1997
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com