Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMNISMART1400 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OMNISMART1400
Description  OmniSmart 1400VA Tower Line-Interactive 120V UPS with USB port
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OMNISMART1400 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OMNISMART1400 Datasheet HTML 1Page - List of Unclassifed Manufacturers OMNISMART1400 Datasheet HTML 2Page - List of Unclassifed Manufacturers OMNISMART1400 Datasheet HTML 3Page - List of Unclassifed Manufacturers OMNISMART1400 Datasheet HTML 4Page - List of Unclassifed Manufacturers OMNISMART1400 Datasheet HTML 5Page - List of Unclassifed Manufacturers OMNISMART1400 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
USB interface supports timed inverter shutoff after unattended shutdown, activate self-test and 10 second reboot of connected equipment
PowerAlert UPS monitoring software available via free download from www.tripplite.com
Supports Tripp Lite's WatchDog software application to restore unresponsive programs by automatically restarting them and rebooting completely locked
computers by automatically switching UPS power off and back on again
Built-in audible alarm and 5 front panel LEDs indicate status of line power, battery power, battery low/replace, voltage regulation and overload status
1400VA/940 watt power handling ability supports multiple entry-level PCs, network workstations, point-of-sale terminals, small to medium business phone
systems, audio/video equipment stations and heavily configured home theater systems
Supports hot-swap battery replacement via built-in battery access panel
Compatible with 120V/60Hz applications for USA, Canada, Mexico and more
Optional PDUB15 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
$200,000 Ultimate Lifetime Insurance (USA and Canada Only)
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1400
Output kVA capacity (kVA)
1.4
Output Watt Capacity (watts)
940
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency compatibility
60 Hz
Output voltage regulation (line mode)
-18%, +8%
Output voltage regulation (Battery
mode)
115V (+/- 5%)
Built-in UPS output receptacles
6 5-15R outlet(s)
Hot-Swap PDU options
PDUB15 (2U / 8 5-15R outlets)
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
PWM sine wave
INPUT
Rated input current (at maximum
load)
9.2A
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
5-15P
UPS Input cord length (ft.)
6
UPS Input cord length (m)
1.8
Recommended Electrical Service
15A 120V
Input cord length (ft.)
6
Input cord length (m)
1.8
2 / 5


Similar Part No. - OMNISMART1400

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNISMART1400 TRIPPLITE-OMNISMART1400 Datasheet
488Kb / 5P
   OmniSmart 1400VA Tower Line-Interactive 120V UPS with USB port
OMNISMART1400 TRIPPLITE-OMNISMART1400_15 Datasheet
489Kb / 5P
   OmniSmart 120V 1400VA 940W Line-Interactive UPS, Tower, USB port
More results

Similar Description - OMNISMART1400

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNISMART1400 TRIPPLITE-OMNISMART1400 Datasheet
488Kb / 5P
   OmniSmart 1400VA Tower Line-Interactive 120V UPS with USB port
OMNISMART1400 TRIPPLITE-OMNISMART1400_15 Datasheet
489Kb / 5P
   OmniSmart 120V 1400VA 940W Line-Interactive UPS, Tower, USB port
logo
List of Unclassifed Man...
OMNISMART300PNP ETC2-OMNISMART300PNP Datasheet
497Kb / 6P
   OmniSmart 300VA Tower Line-Interactive 120V UPS with USB port
OMNISMART1050 ETC2-OMNISMART1050 Datasheet
495Kb / 6P
   OmniSmart 1050VA Tower Line-Interactive 120V UPS with USB port
logo
Tumbler Technologies + ...
OMNISMART500 TRUMPOWER-OMNISMART500 Datasheet
493Kb / 5P
   OmniSmart 500VA Tower Line-Interactive 120V UPS with USB port
logo
List of Unclassifed Man...
OMNISMART500 ETC2-OMNISMART500 Datasheet
502Kb / 6P
   OmniSmart 500VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNISMART1050 TRIPPLITE-OMNISMART1050 Datasheet
492Kb / 5P
   OmniSmart 1050VA Tower Line-Interactive 120V UPS with USB port
OMNISMART300PNP TRIPPLITE-OMNISMART300PNP Datasheet
163Kb / 5P
   OmniSmart 120V 300VA 180W Line-Interactive UPS, Tower, USB port
OMNISMART1050 TRIPPLITE-OMNISMART1050_15 Datasheet
492Kb / 5P
   OmniSmart 120V 1050VA 705W Line-Interactive UPS, Tower, USB port
OMNISMART300PNP TRIPPLITE-OMNISMART300PNP_15 Datasheet
495Kb / 5P
   OmniSmart 120V 300VA 180W Line-Interactive UPS,Tower, USB port
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com