Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7639 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # R7639
Description  PHOTOMULTIPLIER TUBE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R7639 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  R7639 Datasheet HTML 1Page - Hamamatsu Corporation R7639 Datasheet HTML 2Page - Hamamatsu Corporation R7639 Datasheet HTML 3Page - Hamamatsu Corporation R7639 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUPPLY VOLTAGE (V)
102
106
105
104
103
102
103
104
105
106
107
108
107
108
500
700
1000
1500
TYPICAL GAIN
TYPICAL ANODE
SENSITIVITY
MINIMUM ANODE
SENSITIVITY
Figure 2:Typical Gain and Anode Radiant Sensitivity
Figure 3:Typical Time Response
TPMSB0173EB
TPMSB0004EB
300
500
700
1000
1500
SUPPLY VOLTAGE (V)
1
2
4
6
8
10
20
40
60
80
100
RISE
TIME
TRANSIT
TIME
1
2
4
3
5
7
6
8
9
10
K
DY1
DY2
DY3
DY4
DY5
DY6
DY7
DY8
DY9
P
DIRECTION OF LIGHT
11
28.5
± 1.5
3 MIN.
32.2
± 0.5
11 PIN BASE
JEDEC No. B11-88
FACE PLATE
20 MAX.
MgF2 WINDOW
PHOTO-
CATHODE
Figure 4:Dimensional Outline and Basing Diagram (Unit: mm)
Figure 5:Socket E678-11A (Option) (Unit: mm)
TPMSA0040EA
TACCA0064EA
5
49
38
29
NOTE: There is a 2 mm diameter hole to exhaust inner air on the plastic base.


Similar Part No. - R7639

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R7600P HAMAMATSU-R7600P Datasheet
149Kb / 4P
   PHOTOMULTIPLIER TUBE
R7600U HAMAMATSU-R7600U Datasheet
149Kb / 4P
   PHOTOMULTIPLIER TUBE
R7600U-00-M4 HAMAMATSU-R7600U-00-M4 Datasheet
165Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
R7600U-03 HAMAMATSU-R7600U-03 Datasheet
149Kb / 4P
   PHOTOMULTIPLIER TUBE
R7600U-03-M4 HAMAMATSU-R7600U-03-M4 Datasheet
165Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
More results

Similar Description - R7639

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
R9182-01 HAMAMATSU-R9182-01 Datasheet
217Kb / 2P
   PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
   PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
   PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com