Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7400U-04 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R7400U-04
Description  METAL PACKAGE PHOTOMULTIPLIER TUBE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R7400U-04 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R7400U-04 Datasheet HTML 1Page - Hamamatsu Corporation R7400U-04 Datasheet HTML 2Page - Hamamatsu Corporation R7400U-04 Datasheet HTML 3Page - Hamamatsu Corporation R7400U-04 Datasheet HTML 4Page - Hamamatsu Corporation R7400U-04 Datasheet HTML 5Page - Hamamatsu Corporation R7400U-04 Datasheet HTML 6Page - Hamamatsu Corporation R7400U-04 Datasheet HTML 7Page - Hamamatsu Corporation R7400U-04 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Spectral Response
Maximum Ratings
Peak
Wave-
Iength
(nm)
Range
(nm)
Anode to
Cathode
Voltage
Radiant
Typ.
(mA/W)
×10-3
Blue(5-58)
Typ.
(
µA/lm-b)
Out-
line
No.
Typ.
(
µA/lm)
Min.
(
µA/lm)
Cathode Sensitivity
Luminous
R7400U-09
Solar Blind
UV to Visible
Visible
Visible
UV to Near IR
With Lens
R7400U
R7400U-03
R7400U-06
R7400U-01
R7400U-02
R7400U-20
R7400U-04
R7401
(a): Measured at 254 nm.
(b): Measured after a 30-minute storage in darkness.
R7402
160 to 320
300 to 650
185 to 650
160 to 650
300 to 850
300 to 880
185 to 850
300 to 650
300 to 850
240
420
400
500
300 to 900
630
400
400
420
Cs-Te
Bialkali
Multialkali
Bialkali
Multialkali
Synthetic silica
Synthetic silica
Window
Material
Remarks
Type No.
Photo-
cathode
Material
Borosilicate glass
Borosilicate glass
Borosilicate glass
UV glass
UV glass
1000(d)
0.01
0.1(e)
40
80
200
80
40
80
70
150
250
350
500
150
70
150
8
8
200
250
200
200
22(a)
62
60
58
450
78
(at 630 nm)
60
62
60
TPMHB0473EA
TPMHB0474EA
TPMHB0475EB
TPMHB0491EB
Figure 1: Typical Spectral Response (Solar Blind)
Figure 2: Typical Spectral Response (Bialkali)
Figure 3: Typical Spectral Response (Multialkali)
Figure 4: Typical Gain Characteristics
METAL PACKAGE PHOTOMULTIPLIER TUBE R7400U SERIES
CHARACTERISTICS (at 25
°C)
(mA)
(V dc)
Average
Anode
Current
Red/White
Ratio
Typ.
(c): Measured at a gain of 106
(d): Do not apply the maximum supply voltage for more than 30 seconds continuously.
100
300
200
400
500
600
WAVELENGTH (nm)
0.1
1
10
100
0.01
R7400U-09
200
100
400
300
600
500
800
700
1
10
100
0.1
WAVELENGTH (nm)
R7400U
R7400U-03
R7400U-06
SUPPLY VOLTAGE (V)
100
200
400
600
800 1000
101
106
104
105
103
102
107
R7400U-09
R7400U/-03/-06
R7400P
WAVELENGTH (nm)
100
200
300
400 500
600
700
800
900 1000
0.1
1
10
100
R7400U-04
R7400U-02
R7400U-01
R7400U-20


Similar Part No. - R7400U-04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R7400U-04 HAMAMATSU-R7400U-04 Datasheet
305Kb / 8P
   METAL PACKAGE PHOTOMULTIPLIER TUBE
More results

Similar Description - R7400U-04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R7400U HAMAMATSU-R7400U_04 Datasheet
305Kb / 8P
   METAL PACKAGE PHOTOMULTIPLIER TUBE
R9875U HAMAMATSU-R9875U_15 Datasheet
55Kb / 2P
   METAL PACKAGE PHOTOMULTIPLIER TUBE
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
R9182-01 HAMAMATSU-R9182-01 Datasheet
217Kb / 2P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com