Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU750RTXL2U Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SU750RTXL2U
Description  SmartOnline .75kVA On-Line Double-Conversion UPS, 2U Rack/Tower, 100/110/120V NEMA outlets
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SU750RTXL2U Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SU750RTXL2U Datasheet HTML 1Page - List of Unclassifed Manufacturers SU750RTXL2U Datasheet HTML 2Page - List of Unclassifed Manufacturers SU750RTXL2U Datasheet HTML 3Page - List of Unclassifed Manufacturers SU750RTXL2U Datasheet HTML 4Page - List of Unclassifed Manufacturers SU750RTXL2U Datasheet HTML 5Page - List of Unclassifed Manufacturers SU750RTXL2U Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Built-in controllable switched load
banks
Two switchable single-outlet 5-15R load banks
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
Pure Sine wave
INPUT
Rated input current (at maximum
load)
8.6A
Nominal Input Voltage(s) Supported
100V AC; 110V AC; 120V AC
UPS input connection type
5-15P
Input circuit breaker
15A
UPS Input cord length (ft.)
6
UPS Input cord length (m)
1.8
Recommended Electrical Service
15A 120V
Phase
Single-Phase
BATTERY
Full load runtime (minutes)
4 min. (600w)
Half load runtime (minutes)
11 min. (300w)
Expandable battery runtime
Extended runtime supported via optional external battery packs
External battery pack compatibility
BP24V15RT2U (limit 1); BP24V28-2U (limit 1); BP24V70-3U (multi-pack compatible); BP24V36-2US (multi-pack
compatible)
DC system voltage (VDC)
24
Battery recharge rate (included
batteries)
Less than 6 hours from 10% to 80%
Replacement battery cartridge
(internal UPS battery replacement)
RBC92-2U
Battery Access
Front panel battery access door
Battery replacement description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage regulation description
Online, double-conversion power conditioning
Overvoltage correction
2% output voltage regulation during overvoltages to 150
Undervoltage correction
2% output voltage regulation during undervoltages to 80
Severe undervoltage correction
2% output voltage regulation during undervoltages to 65 (under 70% load only)
LEDS ALARMS & SWITCHES
LED Indicators
14 LEDs indicate line power, online mode, bypass mode, on-battery, overload, battery low, replace battery and fault
status information; 4-LED meter displays load and battery charge levels; LED panel rotates for viewing in
rack/tower formats
3 / 5


Similar Part No. - SU750RTXL2U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU750RTXL2UN TRIPPLITE-SU750RTXL2UN Datasheet
167Kb / 7P
   SmartOnline 120V 750VA 600W Double-Conversion UPS, 2U Rack/Tower, Extended Run, Pre-installed WEBCARDLX Network Interface, USB, DB9 Serial
SU750RTXL2U TRIPPLITE-SU750RTXL2U_15 Datasheet
492Kb / 5P
   SmartOnline 100-120V 750VA 600W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
More results

Similar Description - SU750RTXL2U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU750XL ETC2-SU750XL Datasheet
504Kb / 6P
   SmartOnline .75kVA On-Line Double-Conversion UPS, Tower, 100/110/120V NEMA outlets
SU1000RTXL2UA ETC2-SU1000RTXL2UA Datasheet
500Kb / 8P
   SmartOnline 1kVA On-Line Double-Conversion UPS, 2U Rack/Tower, 100/110/120V NEMA outlets
SU1500RTXL2UA ETC2-SU1500RTXL2UA Datasheet
499Kb / 7P
   SmartOnline 1.5kVA On-Line Double-Conversion UPS, 2U Rack/Tower, 100/110/120V NEMA outlets
SU2200RTXL2UA ETC2-SU2200RTXL2UA Datasheet
504Kb / 8P
   SmartOnline 2.2kVA On-Line Double-Conversion UPS, 2U Rack/Tower, 110/120V NEMA outlets
SU1500XL ETC2-SU1500XL Datasheet
527Kb / 7P
   SmartOnline 1.5kVA On-Line Double-Conversion UPS, Tower, 100/110/120V NEMA outlets
SU1000XLA ETC2-SU1000XLA Datasheet
523Kb / 7P
   SmartOnline 1kVA On-Line Double-Conversion UPS, Tower, 100/110/120V NEMA outlets
SU3000RTXL3U ETC2-SU3000RTXL3U Datasheet
519Kb / 8P
   SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 110/120V NEMA outlets
SU3000XL ETC2-SU3000XL Datasheet
536Kb / 7P
   SmartOnline 3kVA On-Line Double-Conversion UPS, Tower, 120V NEMA outlets
SU3000RTXR3U ETC2-SU3000RTXR3U Datasheet
516Kb / 7P
   SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 110/120V NEMA outlets, XR runtime
SU5000RT3U ETC2-SU5000RT3U Datasheet
538Kb / 7P
   SmartOnline 5kVA On-Line Double-Conversion UPS, 7U Rack/Tower, 208/120V NEMA outlets
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com