Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5.0SMDJ60CA Datasheet(PDF) 1 Page - Littelfuse

Part # 5.0SMDJ60CA
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

5.0SMDJ60CA Datasheet(HTML) 1 Page - Littelfuse

  5.0SMDJ60CA Datasheet HTML 1Page - Littelfuse 5.0SMDJ60CA Datasheet HTML 2Page - Littelfuse 5.0SMDJ60CA Datasheet HTML 3Page - Littelfuse 5.0SMDJ60CA Datasheet HTML 4Page - Littelfuse 5.0SMDJ60CA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Revision: November 15, 2011, 16:49
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
1
Surface Mount – 5000W > 5.0SMDJ series
5.0SMDJ Series
Please refer to http://www.Littelfuse.com/series/5.0SSMDJ.html for current information.
AGENCY
AGENCY FILE NUMBER
E230531
5.0SMDJ Series
The 5.0SMDJ series is designed specifically to protect
sensitive electronic equipment from voltage transients
induced by lightning and other transient voltage events.
TVS devices are ideal for the protection of I/O Interfaces,
V
CC bus and other vulnerable circuits used in Telecom,
Computer, Industrial and Consumer electronic applications.
Applications
Features
Maximum Ratings and Thermal Characteristics
(T
A=25
O
C unless otherwise noted)
Agency Approvals
• Halogen-Free
• RoHS compliant
• For surface mounted
applications to optimize
board space
• Low profile package
• Built-in strain relief
• Typical maximum
temperature coefficient
ΔV
BR = 0.1% x VBR@25°C x ΔT
• Glass passivated chip
junction
• 5000W peak pulse power
capability at 10×1000μs
waveform, repetition rate
(duty cycles):0.01%
• Fast response time:
typically less than 1.0ps
from 0V to BV min
• Excellent clamping
capability
• Low incremental surge
resistance
• Typical I
R less than 5µA
above 22V
• High Temperature
soldering guaranteed:
260°C/40 seconds at
terminals
• Plastic package has
Underwriters Laboratory
Flammability 94V-O
• Matte Tin Lead–free Plated
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation at
T
A=25
O
C by 10x1000µs waveform
(Fig.1)(Note 1), (Note 2)
P
PPM
5000
W
Power Dissipation on infinite heat
sink at T
A=50
O
C
P
M(AV)
6.5
W
Peak Forward Surge Current, 8.3ms
Single Half Sine Wave (Note 3)
I
FSM
300
A
Maximum Instantaneous Forward
Voltage at 100A for Unidirectional
only
V
F
5.0
V
Operating Junction and Storage
Temperature Range
T
J, TSTG
-65 to 150
°C
Typical Thermal Resistance Junction
to Lead
R
uJL
15
°C/W
Typical Thermal Resistance Junction
to Ambient
R
uJA
75
°C/W
Notes:
1. Non-repetitive current pulse , per Fig. 3 and derated above T
A = 25
O
C per Fig. 2.
2. Mounted on copper pad area of 0.31x0.31” (8.0 x 8.0mm) to each terminal.
3. Measured on 8.3ms single half sine wave or equivalent square wave for unidirectional
device only,duty cycle=4 per minute maximum.
Description
RoHS
Pb


Similar Part No. - 5.0SMDJ60CA

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
5.0SMDJ60CA RUILON-5.0SMDJ60CA Datasheet
952Kb / 7P
   Transient Voltage Suppressors
logo
HuaXinAn Electronics CO...
5.0SMDJ60CA HUAXINAN-5.0SMDJ60CA Datasheet
468Kb / 5P
   5000W Transient Voltage Suppressors
logo
Socay Electornics Co., ...
5.0SMDJ60CA SOCAY-5.0SMDJ60CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
First Silicon Co., Ltd
5.0SMDJ60CA FS-5.0SMDJ60CA Datasheet
312Kb / 3P
   Surface Mount Transient Voltage Suppressor Rectifiers
logo
Socay Electornics Co., ...
5.0SMDJ60CA SOCAY-5.0SMDJ60CA Datasheet
457Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - 5.0SMDJ60CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com