Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7101Q Datasheet(PDF) 6 Page - Texas Instruments

Part # LMC7101Q
Description  LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7101Q Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMC7101Q Datasheet HTML 2Page - Texas Instruments LMC7101Q Datasheet HTML 3Page - Texas Instruments LMC7101Q Datasheet HTML 4Page - Texas Instruments LMC7101Q Datasheet HTML 5Page - Texas Instruments LMC7101Q Datasheet HTML 6Page - Texas Instruments LMC7101Q Datasheet HTML 7Page - Texas Instruments LMC7101Q Datasheet HTML 8Page - Texas Instruments LMC7101Q Datasheet HTML 9Page - Texas Instruments LMC7101Q Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LMC7101, LMC7101Q
SNOS719F – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
15V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 15V, V= 0V, V
CM = 1.5V, VO = V
+/2 and R
L = 1 MΩ.
Boldface limits apply at the temperature extremes.
LMC7101AI
LMC7101BI
LMC7101Q
Typ
Symbol
Parameter
Conditions
Limit
Limit
Limit
Units
(1)
(2)
(2)
(2) (3)
Slew Rate
0.5
0.5
0.5
V/
μs
SR
V+ = 15V
1.1
(4)
0.4
0.4
0.4
min
GBW
Gain-Bandwidth Product
V+ = 15V
1.1
MHz
φm
Phase Margin
45
deg
Gm
Gain Margin
10
dB
en
Input-Referred Voltage Noise
f = 1 kHz, VCM = 1V
37
In
Input-Referred Current Noise
f = 1 kHz
1.5
f = 10 kHz, AV = −2
THD
Total Harmonic Distortion
0.01
%
RL = 10 kΩ, VO = 8.5 VPP
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
When operated at temperature between
−40°C and 85°C, the LMC7101Q will meet LMC7101BI specifications.
(4)
V+ = 15V. Connected as a voltage follower with a 10V step input. Number specified is the slower of the positive and negative slew rates.
RL = 100 kΩ connected to 7.5V. Amp excited with 1 kHz to produce VO = 10 VPP.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC7101 LMC7101Q


Similar Part No. - LMC7101Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7101Q NSC-LMC7101Q Datasheet
845Kb / 24P
   Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
LMC7101Q-Q1 TI-LMC7101Q-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LMC7101, LMC7101Q-Q1 Tiny Low-Power Operational Amplifier With Rail-to-Rail Input and Output
logo
National Semiconductor ...
LMC7101QM5 NSC-LMC7101QM5 Datasheet
845Kb / 24P
   Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
LMC7101QM5 TI1-LMC7101QM5 Datasheet
1Mb / 33P
[Old version datasheet]   Tiny Low-Power Operational Amplifier
LMC7101QM5/NOPB TI1-LMC7101QM5/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
More results

Similar Description - LMC7101Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7101BIM5 TI1-LMC7101BIM5 Datasheet
1Mb / 28P
[Old version datasheet]   LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
LMC7101 TI-LMC7101_15 Datasheet
1Mb / 33P
[Old version datasheet]   LMC7101, LMC7101Q-Q1 Tiny Low-Power Operational Amplifier With Rail-to-Rail Input and Output
logo
National Semiconductor ...
LMC7101 NSC-LMC7101 Datasheet
853Kb / 18P
   Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
LMC7101 NSC-LMC7101_09 Datasheet
845Kb / 24P
   Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
108335 TI-108335 Datasheet
1Mb / 21P
[Old version datasheet]   Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
LMC7111BIM5 TI-LMC7111BIM5 Datasheet
1Mb / 26P
[Old version datasheet]   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
LMC7111 TI1-LMC7111 Datasheet
1Mb / 26P
[Old version datasheet]   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
logo
National Semiconductor ...
LMC7111 NSC-LMC7111_14 Datasheet
1Mb / 26P
   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
LMC7111 NSC-LMC7111 Datasheet
735Kb / 18P
   Tiny CMOS Operational Amplifier with Rail-to-Rail Input
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com