Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD166017T1F Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPD166017T1F
Description  INTELLIGENT POWER DEVICE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166017T1F Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPD166017T1F Datasheet HTML 1Page - Renesas Technology Corp UPD166017T1F Datasheet HTML 2Page - Renesas Technology Corp UPD166017T1F Datasheet HTML 3Page - Renesas Technology Corp UPD166017T1F Datasheet HTML 4Page - Renesas Technology Corp UPD166017T1F Datasheet HTML 5Page - Renesas Technology Corp UPD166017T1F Datasheet HTML 6Page - Renesas Technology Corp UPD166017T1F Datasheet HTML 7Page - Renesas Technology Corp UPD166017T1F Datasheet HTML 8Page - Renesas Technology Corp UPD166017T1F Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
PD166017T1F
Preliminary
R07DS0704EJ0100 Rev.1.00
Page 4 of 22
Apr 26, 2012
3.5
Electrical Characteristics
3.5.1
Operation Function
(Tch = 25°C, VCC = 12 V, unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Test Conditions
Required current capability
of Input switch
IIH
1.4
3.0
mA
Input current for turn-off
IIL
50
A
Tch = –40 to 150°C
0.5
RL = 1.0 , Iin = 0 A, Tch = 25°C
15
RL = 1.0 , Iin = 0 A, Tch = 125°C
Standby current
ICC(off)
50
A
RL = 1.0 , Iin = 0 A, Tch = –40 to 150°C
4.7
6.0
IL = 15 A, Tch = 25°C
On state resistance
Ron
7.9
10.5
m
IL = 15 A, Tch = 150°C
Turn on time
ton
170
500
s
Turn off time
toff
220
600
s
RL = 1.0 , Tch = –40 to 150°C,
refer to "Measurement Condition"
Slew rate on
*1
dv/dton
0.2
0.6
V/
s
25 to 50% VOUT, RL = 1.0 ,
Tch = –40 to 150°C, refer to "Measurement
Condition"
Slew rate off
*1
–dv/dtoff
0.2
0.5
V/
s
50 to 25% VOUT, RL = 1.0 ,
Tch = –40 to 150°C, refer to "Measurement
Condition"
Note:
*1 Not tested, specified by design


Similar Part No. - UPD166017T1F

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166010 RENESAS-UPD166010 Datasheet
408Kb / 27P
   MOS INTEGRATED CIRCUIT
2009
UPD166010T1F-E1-AY RENESAS-UPD166010T1F-E1-AY Datasheet
408Kb / 27P
   MOS INTEGRATED CIRCUIT
2009
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
   INTELLIGENT POWER DEVICE
UPD166011T1J-E1-AY RENESAS-UPD166011T1J-E1-AY Datasheet
211Kb / 28P
   INTELLIGENT POWER DEVICE
More results

Similar Description - UPD166017T1F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD166034T1U RENESAS-UPD166034T1U Datasheet
804Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900014H12HPD RENESAS-RAA2900014H12HPD Datasheet
592Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
   INTELLIGENT POWER DEVICE
UPD166035GR RENESAS-UPD166035GR Datasheet
534Kb / 17P
   INTELLIGENT POWER DEVICE
RAA2900034H12HPD RENESAS-RAA2900034H12HPD Datasheet
572Kb / 19P
   INTELLIGENT POWER DEVICE
Feb. 28, 2020
UPD166030T1K RENESAS-UPD166030T1K Datasheet
838Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166028T1K RENESAS-UPD166028T1K Datasheet
841Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166025T1J RENESAS-UPD166025T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900024H12HPD RENESAS-RAA2900024H12HPD Datasheet
486Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166023T1J RENESAS-UPD166023T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
UPD166032T1U RENESAS-UPD166032T1U Datasheet
789Kb / 41P
   INTELLIGENT POWER DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com