Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU2200RTXL2UA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SU2200RTXL2UA
Description  SmartOnline 2.2kVA On-Line Double-Conversion UPS, 2U Rack/Tower, 110/120V NEMA outlets
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SU2200RTXL2UA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SU2200RTXL2UA Datasheet HTML 1Page - List of Unclassifed Manufacturers SU2200RTXL2UA Datasheet HTML 2Page - List of Unclassifed Manufacturers SU2200RTXL2UA Datasheet HTML 3Page - List of Unclassifed Manufacturers SU2200RTXL2UA Datasheet HTML 4Page - List of Unclassifed Manufacturers SU2200RTXL2UA Datasheet HTML 5Page - List of Unclassifed Manufacturers SU2200RTXL2UA Datasheet HTML 6Page - List of Unclassifed Manufacturers SU2200RTXL2UA Datasheet HTML 7Page - List of Unclassifed Manufacturers SU2200RTXL2UA Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Overvoltage correction
2% output voltage regulation during overvoltages to 150
Undervoltage correction
2% output voltage regulation during undervoltages to 80
Severe undervoltage correction
2% output voltage regulation during undervoltages to 65 (under 70% load only)
LEDS ALARMS & SWITCHES
LED Indicators
14 LEDs indicate line power, online mode, economy/bypass mode, on-battery, overload, battery low, replace battery
and fault status information; 4-LED meter displays load and battery charge levels; LED panel rotates for viewing in
rack/tower formats
Alarms
Audible alarm indicates UPS startup, power-failure, low-battery, overload, UPS fault and remote shutdown conditions
Alarm cancel operation
Power-fail alarm can be silenced using alarm-cancel switch
Switches
2 switches control off/on power status and alarm-cancel/self-test operation
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
570
UPS AC suppression response time
Instantaneous
UPS Dataline suppression
1 line TEL/DSL (1 in / 1 out); 10/100Base T Ethernet
EMI / RFI AC noise suppression
Yes
PHYSICAL
Installation form factors supported
with included accessories
4 post 19 inch rackmount
Installation form factors supported
with optional accessories
2 post rackmount (2POSTRMKITWM); Wallmount (2POSTRMKITWM); Tower (2-9USTAND)
Primary form factor
Rackmount
UPS / Power Module dimensions in
primary form factor (height x width x
depth / inches)
3.5 x 17.5 x 19
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
8.9 x 44.4 x 48.3
Installed whole system dimensions
in secondary form factor (height x
width x depth / cm)
44.4 x 8.9 x 48.3
Rack Height
2U
Secondary form factor
Tower (requires 2-9USTAND)
Installed whole system dimensions
in secondary form factor (height x
width x depth / inches)
17.5 x 3.5 x 19
UPS dimensions in secondary form
factor (height x width x depth / cm)
44.4 x 8.9 x 48.3
UPS / Power Module weight (lbs)
47.4
UPS / Power Module weight (kg)
21.5
4 / 7


Similar Part No. - SU2200RTXL2UA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU2200RTXL2UA TRIPPLITE-SU2200RTXL2UA_15 Datasheet
494Kb / 6P
   SmartOnline 110-120V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
More results

Similar Description - SU2200RTXL2UA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU1000RTXL2UA ETC2-SU1000RTXL2UA Datasheet
500Kb / 8P
   SmartOnline 1kVA On-Line Double-Conversion UPS, 2U Rack/Tower, 100/110/120V NEMA outlets
SU1500RTXL2UA ETC2-SU1500RTXL2UA Datasheet
499Kb / 7P
   SmartOnline 1.5kVA On-Line Double-Conversion UPS, 2U Rack/Tower, 100/110/120V NEMA outlets
SU750RTXL2U ETC2-SU750RTXL2U Datasheet
491Kb / 6P
   SmartOnline .75kVA On-Line Double-Conversion UPS, 2U Rack/Tower, 100/110/120V NEMA outlets
SU3000RTXL3U ETC2-SU3000RTXL3U Datasheet
519Kb / 8P
   SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 110/120V NEMA outlets
SU1500XL ETC2-SU1500XL Datasheet
527Kb / 7P
   SmartOnline 1.5kVA On-Line Double-Conversion UPS, Tower, 100/110/120V NEMA outlets
SU1000XLA ETC2-SU1000XLA Datasheet
523Kb / 7P
   SmartOnline 1kVA On-Line Double-Conversion UPS, Tower, 100/110/120V NEMA outlets
SU750XL ETC2-SU750XL Datasheet
504Kb / 6P
   SmartOnline .75kVA On-Line Double-Conversion UPS, Tower, 100/110/120V NEMA outlets
SU3000XL ETC2-SU3000XL Datasheet
536Kb / 7P
   SmartOnline 3kVA On-Line Double-Conversion UPS, Tower, 120V NEMA outlets
SU3000RTXR3U ETC2-SU3000RTXR3U Datasheet
516Kb / 7P
   SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 110/120V NEMA outlets, XR runtime
SU5000RT3U ETC2-SU5000RT3U Datasheet
538Kb / 7P
   SmartOnline 5kVA On-Line Double-Conversion UPS, 7U Rack/Tower, 208/120V NEMA outlets
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com