Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1S2076A Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 1S2076A
Description  Silicon Epitaxial Planar Diode for Various Detector, Modulator, Demodulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

1S2076A Datasheet(HTML) 1 Page - Hitachi Semiconductor

  1S2076A Datasheet HTML 1Page - Hitachi Semiconductor 1S2076A Datasheet HTML 2Page - Hitachi Semiconductor 1S2076A Datasheet HTML 3Page - Hitachi Semiconductor 1S2076A Datasheet HTML 4Page - Hitachi Semiconductor 1S2076A Datasheet HTML 5Page - Hitachi Semiconductor 1S2076A Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1S2076A
Silicon Epitaxial Planar Diode for Various Detector,
Modulator, Demodulator
ADE-208-146A (Z)
Rev. 1
Aug. 1995
Features
• Low capacitance. (C = 3.0pF max)
• Short reverse recovery time. (t
rr = 8.0ns max)
• High reliability with glass seal.
Ordering Information
Type No.
Cathode band
Package Code
1S2076A
Navy Blue
DO-35
Outline
1. Cathode
2. Anode
Cathode band
1
2


Similar Part No. - 1S2076A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
1S2076A RENESAS-1S2076A Datasheet
143Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
SynSemi, Inc.
1S2076A SYNSEMI-1S2076A Datasheet
29Kb / 2P
   HIGH SPEED SWITCHING DIODE
logo
Shenzhen Luguang Electr...
1S2076A LUGUANG-1S2076A Datasheet
551Kb / 3P
   High reliability with glass seal.
logo
Kwang Myoung I.S. CO.,L...
1S2076A KISEMICONDUCTOR-1S2076A Datasheet
374Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
logo
EIC discrete Semiconduc...
1S2076A EIC-1S2076A Datasheet
95Kb / 2P
   HIGH SPEED SWITCHING DIODE
More results

Similar Description - 1S2076A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1S2076 HITACHI-1S2076 Datasheet
27Kb / 6P
   Silicon Epitaxial Planar Diode for Various Detector, Modulator, Demodulator
logo
Renesas Technology Corp
HSS4148 RENESAS-HSS4148 Datasheet
81Kb / 5P
   Silicon Epitaxial Planar Diode for Various Detector, Modulator, Demodulator
1N4148 RENESAS-1N4148 Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Diode for Various Detector, Modulator, Demodulator
HSM198S RENESAS-HSM198S Datasheet
140Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector
logo
Hitachi Semiconductor
HSU88 HITACHI-HSU88 Datasheet
21Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, Mixer
logo
Renesas Technology Corp
HSC88 RENESAS-HSC88 Datasheet
74Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, Mixer
logo
Hitachi Semiconductor
HSC88 HITACHI-HSC88 Datasheet
21Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, Mixer
logo
NEC
PH313 NEC-PH313 Datasheet
36Kb / 2P
   SILICON EPITAXIAL PLANAR PIN PHOTO DIODE DETECTOR
logo
Renesas Technology Corp
1SS106 RENESAS-1SS106 Datasheet
63Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
1SS198 RENESAS-1SS198 Datasheet
61Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com