Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS286 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 1SS286
Description  Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

1SS286 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  1SS286 Datasheet HTML 1Page - Hitachi Semiconductor 1SS286 Datasheet HTML 2Page - Hitachi Semiconductor 1SS286 Datasheet HTML 3Page - Hitachi Semiconductor 1SS286 Datasheet HTML 4Page - Hitachi Semiconductor 1SS286 Datasheet HTML 5Page - Hitachi Semiconductor 1SS286 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1SS286
Rev.1, Sep. 1995, page 2 of 6
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
25
V
Forward current
I
F
35
mA
Power dissipation
Pd
150
mW
Junction temperature
Tj
100
°C
Storage temperature
Tstg
–55 to +100
°C
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
V
F
——
0.6
V
I
F = 10mA
Reverse voltage
V
R
25
V
I
R = 10µA
Reverse current
I
R
10
nA
V
R= 10V
Capacitance
C
1.2
pF
V
R = 0V, f = 1MHz
Capacitance deviation
∆C—
0.1
pF
V
R = 0V, f = 1MHz
Forward voltage
deviation
∆V
F
——
10
mV
I
F = 10mA
ESD-Capability
10
V
*
1C = 200pF, Both forward and
reverse direction 1 pulse.
Notes: 1. Failure criterion; I
R ≥ 20µA
2. Each group shall unify a multiple of 4 diodes


Similar Part No. - 1SS286

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
1SS286 RENESAS-1SS286 Datasheet
65Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
More results

Similar Description - 1SS286

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
1SS106 RENESAS-1SS106 Datasheet
63Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
1SS198 RENESAS-1SS198 Datasheet
61Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
logo
Hitachi Semiconductor
1SS198 HITACHI-1SS198 Datasheet
26Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
1SS108 HITACHI-1SS108 Datasheet
17Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
1SS199 HITACHI-1SS199 Datasheet
17Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
logo
Renesas Technology Corp
1SS286 RENESAS-1SS286 Datasheet
65Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
logo
Hitachi Semiconductor
1SS106 HITACHI-1SS106 Datasheet
26Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
logo
Renesas Technology Corp
HSM198S RENESAS-HSM198S Datasheet
140Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector
logo
Hitachi Semiconductor
1SS174 HITACHI-1SS174 Datasheet
20Kb / 4P
   Silicon Schottky Barrier Diode for UHF TV Tuner Mixer, Various Detector, High speed switching
HSU88 HITACHI-HSU88 Datasheet
21Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com