Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3L01-130 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3L01-130
Description  SNAP DISC FAN OR LIMIT CONTROLS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3L01-130 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3L01-130 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3L01-130 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.white-rodgers.com
92
Indicates Canadian Model Number: call -800-305-6953 to order
SPECIFICATIONS
SNAP DISC FAN OR LIMIT CONTROLS
For Regulation of Fan, Blower or High Limit Safety Control
3L01-180
3L02-190
Electrical Rating
Motor Rating
Resistive
Pilot
(AC) for
(Full Load)
(Non-Inductive)
Duty
Model Numbers
120VAC
240VAC
120/240VAC
277VAC
120/240/277VAC
3L01
0.0A
5.0A
25.0A
2.6A
25 VA
3L02
0.0A
5.0A
25.0A
2.6A
25 VA
3L03:
 & 2 Close on Rise
5.8A
2.9A
25 VA
3L03:
 & 3 Open on Rise
0.0A
5.0A
25.0A
2.6A
25 VA
ELECTRICAL RATINGS
Model
Fixed Temperature Settings
Switch
Therm-O-Disc
Number
Cut-in
Cut-out
Action
Style
Type
3L01-120
0°F (43°C) 20°F (49°C)
Open on Rise
60T
60000
3L01-130
5°F (46°C) 30°F (54°C)
Open on Rise
60T
60002
3L01-140
00°F (38°C) 40°F (60°C)
Open on Rise
60T
60006
3L01-150
0°F (43°C) 50°F (66°C)
Open on Rise
60T
60009
3L01-165
25°F (52°C) 65°F (74°C)
Open on Rise
60T
60069
3L01-170
30°F (54°C) 70°F (77°C)
Open on Rise
60T
6002
3L01-180
40°F (60°C) 80°F (82°C)
Open on Rise
60T
6003
3L01-190
50°F (66°C) 90°F (88°C)
Open on Rise
60T
6005
3L01-200
60°F (7°C) 200°F (93°C)
Open on Rise
60T
6006
3L01-230
90°F (88°C) 230°F (0°C)
Open on Rise
60T
6002
3L01-250
20°F (99°C) 250°F (2°C)
Open on Rise
60T
60023
3L01-300
250°F (2°C) 300°F (49°C)
Open on Rise
60T
60026
3L01-350
30°F (54°C) 350°F (77°C)
Open on Rise
60T
60068
LIMIT CONTROLS
3L03-140
Model
Fixed Temperature Settings
Switch
Therm-O-Disc
Number
Cut-in
Cut-out
Action
Style
Type
3L02-160
60°F (7°C)
Open on Rise
60T5
330534
3L02-170
70°F (77°C)
Open on Rise
60T5
330535
3L02-180
Manual
80°F (82°C)
Open on Rise
60T5
330536
3L02-190
Reset
90°F (88°C)
Open on Rise
60T5
330537
3L02-200
200°F (93°C)
Open on Rise
60T5
330538
3L02-250
250°F (2°C)
Open on Rise
60TX5
6240
3L02-300
300°F (49°C)
Open on Rise
60TX5
6239
LIMIT CONTROLS — MANUAL RESET
Fixed Temperature Settings
Model
Terminal 1 & 3
Terminal 1 & 2
Switch
Therm-O-Disc
Number
Cut-in
Cut-out
Cut-in
Cut-out
Action
Style
Type
3L03-140
40°F (60°C) 20°F (49°C) 40°F (60°C) 20°F (49°C)
SPDT
60T3
605
3L03-190
90°F (88°C) 70°F (77°C) 90°F (88°C) 70°F (77°C)
SPDT
60T3
604
SPDT CONTROLS
SNAP DISC
CONTROLS


Similar Part No. - 3L01-130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3L05-1 ETC2-3L05-1 Datasheet
267Kb / 2P
   ADJUSTABLE SNAP DISC FAN & LIMIT CONTROLS
3L05-10 ETC2-3L05-10 Datasheet
267Kb / 2P
   ADJUSTABLE SNAP DISC FAN & LIMIT CONTROLS
3L05-13 ETC2-3L05-13 Datasheet
267Kb / 2P
   ADJUSTABLE SNAP DISC FAN & LIMIT CONTROLS
3L05-2 ETC2-3L05-2 Datasheet
267Kb / 2P
   ADJUSTABLE SNAP DISC FAN & LIMIT CONTROLS
3L05-3 ETC2-3L05-3 Datasheet
267Kb / 2P
   ADJUSTABLE SNAP DISC FAN & LIMIT CONTROLS
More results

Similar Description - 3L01-130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3F05-1 ETC2-3F05-1 Datasheet
267Kb / 2P
   ADJUSTABLE SNAP DISC FAN & LIMIT CONTROLS
3F01-110 ETC2-3F01-110 Datasheet
210Kb / 2P
   SNAP DISC CONTROLS
5D51-35 ETC2-5D51-35 Datasheet
266Kb / 1P
   FAN AND LIMIT CONTROLS for universal replacement
481-0680M-GR ETC2-481-0680M-GR Datasheet
74Kb / 2P
   Metric Fan Disc Washer
logo
NTE Electronics
NTE-DTO60 NTE-NTE-DTO60 Datasheet
822Kb / 1P
   Disc Thermostat, .500 Dia, Snap Action
NTE-DTO60 NTE-NTE-DTO60_14 Datasheet
442Kb / 1P
   Disc Thermostat, .500??Dia, Snap Action
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
   Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
logo
OmniVision Technologies...
OV2735 OMNIVISION-OV2735 Datasheet
832Kb / 2P
   programmable controls
logo
Littelfuse
SC3 LITTELFUSE-SC3 Datasheet
296Kb / 2P
   Sequencing Controls
2016 Rev: 1-A-062316
logo
Bourns Electronic Solut...
PDV BOURNS-PDV Datasheet
31Kb / 2P
   Panel Controls
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com