Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24A34-15 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 24A34-15
Description  FAILURE TO READ AND FOLLOW ALL INSTRUCTIONS CAREFULLY BEFORE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

24A34-15 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  24A34-15 Datasheet HTML 1Page - List of Unclassifed Manufacturers 24A34-15 Datasheet HTML 2Page - List of Unclassifed Manufacturers 24A34-15 Datasheet HTML 3Page - List of Unclassifed Manufacturers 24A34-15 Datasheet HTML 4Page - List of Unclassifed Manufacturers 24A34-15 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
WIRING DIAGRAMS
FOR ONE ELEMENT FURNACES
FAN DELAY OFF
COMBINATION Fan and Heater Loads
SEPARATE Fan and Heater Loads
ONE POLE
WIRING
M2
M1
To 1st element & fan
H
H
To 24 VAC wall thermostat
(One Timing)
24A34-1 / -2
TWO POLE
WIRING
M2
M1
To fan
H
H
To 24vAC wall thermostat
(One Timing)
24A34-3 / -4
M4
M3
To 1st element
DOTTED LINE BETWEEN "H" TERMINAL
IS A FACTORY-INSTALLED JUMPER
FOR TWO ELEMENT FURNACES
COMBINATION Fan and Heater Loads
SEPARATE Fan and Heater Loads
FOR THREE ELEMENT FURNACES WITH
COMBINATION FAN & HEATER LOADS
SINGLE-STAGE Room Thermostat
TWO-STAGE Room Thermostat Option
TWO POLE
WIRING
M2
M1
To 1st element & fan
H
H
To 24vAC wall thermostat
(One Timing)
24A34-3 / -4
M4
M3
To 2nd element
TWO POLE
WIRING
M6
M5
To 2nd element or aux. contacts
H
H
To 24vAC wall thermostat
(Two Timings)
24A34-5
M2
M1
To fan
M4
M3
To 1st element
H
H
ONE POLE
TWO POLE
WIRING
M6
M5
To 3rd element
H
H
To 24vAC wall thermostat
(Two Timings)
24A34-5
M2
M1
To fan & 1st element
M4
M3
To 2nd element
H
H
ONE POLE
TWO POLE
WIRING
M8
M7
To 3rd element
H
H
To 24vAC wall thermostat
(Two Timings)
24A34-6
M2
M1
To fan & 1st element
M4
M3
To 2nd element
H
H
TWO POLE
M6
M5
FOR THREE ELEMENT FURNACES WITH
SEPARATE FAN & HEATER LOADS
SINGLE-STAGE Room Thermostat
TWO-STAGE Room Thermostat Option
TWO POLE
WIRING
M8
M7
To 3rd element
H
H
To 24vAC wall thermostat
(Two Timings)
24A34-5
M2
M1
To fan
M4
M3
To 1st element
H
H
TWO POLE
M6
M5
To 2nd element
TWO POLE
M8
M7
To 2nd element
H
H
To W1 of 24vAC wall thermostat
(Two Timings)
24A34-6
M2
M1
To fan
M4
M3
To 1st element
H
H
TWO POLE
M6
M5
To common of 24v transformer
TWO POLE
WIRING
M2
M1
To fan interlock
H
H
To W2 of 24vAC wall thermostat
(One Timing)
24A34-3 / -4
M4
M3
To 3rd element
WIRING
2
3
I
Normally close
H
H
Normally open
(One Timing)
24A34-15


Similar Part No. - 24A34-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24A.1-10HSTB ETC-24A.1-10HSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
24A.1-10MSTB ETC-24A.1-10MSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
24A.1-10SSTB ETC-24A.1-10SSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
24A.2-20HSTB ETC-24A.2-20HSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
24A.2-20MSTB ETC-24A.2-20MSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
More results

Similar Description - 24A34-15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-9450 MACOM-408-9450 Datasheet
255Kb / 5P
   Read these and all referenced instructions thoroughly before using the head.
408-6794 MACOM-408-6794 Datasheet
270Kb / 5P
   Read these and all referenced instructions thoroughly before using the head.
logo
TE Connectivity Ltd
408-6930 TEC-408-6930 Datasheet
172Kb / 5P
   Read these and all referenced instructions thoroughly before using the head.
logo
Tyco Electronics
408-8022 MACOM-408-8022 Datasheet
205Kb / 4P
   Read the following instructions carefully before and during the installation of the conversion kits on the machine.
408-8810 MACOM-408-8810 Datasheet
208Kb / 3P
   Read and understand these instructions before using the seating tool.
408-1634 MACOM-408-1634 Datasheet
146Kb / 6P
   Read these instructions and referenced documents before crimping any splices
408-8646 MACOM-408-8646 Datasheet
111Kb / 2P
   Read these instructions before using the extraction tool.
logo
TE Connectivity Ltd
408-32224 TEC-408-32224 Datasheet
302Kb / 4P
   Read and understand these instructions before using the removal tools.
logo
Tyco Electronics
408-4354 MACOM-408-4354 Datasheet
244Kb / 5P
   Read these instructions thoroughly before crimping any contacts
logo
TE Connectivity Ltd
408-8500 TEC-408-8500 Datasheet
293Kb / 4P
   Read these instructions and understand them before using the seating tool.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com