Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

120-902 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 120-902
Description  RELAYS AND CONTAC TOR S
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

120-902 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  120-902 Datasheet HTML 1Page - List of Unclassifed Manufacturers 120-902 Datasheet HTML 2Page - List of Unclassifed Manufacturers 120-902 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.stancor.com

R E l AY S A N D C O N TA C T O R S
Type120
D.C. Power Contactors – Type 0
Engineering Design Data
operationin%ofnom.
BreakdownVoltages
coilRating
coilVoltageRating
AllTerminals-60hzRms
contactmaterial
electricallife
mechanicallife
nominal
open
max.
magnetic
max.
contacts
oper.
oper. oper.
D.c. coilRating
safe
opposite
same
To
oper.At
Per
oper.At
Per
Temp.
Type
(Watts)
Pick-up
operate
Polarity
Polarity Ground
Power
Pilot
Ratedload min.
noload
min
°F
120
-
75%
110%
500
500
500
Copper
-
10,000
2
100,000
30
150
Silver Alloy
50,000
2
100,000
30
For outline drawings refer to page 53.
–– Water Resistant
‡ Intermittent Duty Cycle = 30 seconds “on” maximum and 6 minutes “off”
* Terminal Type: “4” = Isolated Coil, “6” = Isolated Coil Automotive, “7” = Latching Contacts
** Inrush Current: Current applied within the first 1/2 second of contact closure
TemperatureRange
–– Intermittent Duty: -20°F to 150°F
–– Continuous Duty: -20°F to 120°F
Power(approximate)
–– Continuous 8.1 watts
–– Intermittent 14.4 watts
Terminations
–– Contacts: 5/16" - 24 studs, UNF - 2A thread
–– Coil: #10-32, UNF - 2A thread
Recommendedmounting
–– Coil terminals up or horizontal
coil
contactRating-(Amps.)
DImensIons
sTAncoR
coil Resistance
Inductiveload
Inches
PART
Duty Terminal Pole Bracket Volt. (ohms)
contact Volt.
normallyopen
normallyclosed
case
Weight Agency
sec. nUmBeR
cycle
Type* Form
style
D.c. @25˚c
material D.c. continuous Inrush** continuous Inrush l
W
h
(oz.)
certif.
A 120-901 Continuous
4
SPNO Standard
12
16.0
Silver Alloy 12
100
400
-
-
2.13 2.88 3.25
6.0
-
120-907 Continuous
4
SPNO
L
12
16.0
Silver Alloy 12
100
400
-
-
2.50 3.00 3.25
6.0
-
120-943 Continuous
5
SPNO
L
12
16.0
Silver Alloy 12
100
400
-
-
2.50 3.00 3.25
6.0
-
120-913 Continuous
3
SPNO Standard
12
16.0
Silver Alloy 12
100
400
-
-
2.13 2.88 3.25
6.0
-
B 120-906 Intermittent‡
4
SPNO Standard
12
6.0
Copper
12
80
400
-
-
2.13 2.88 3.25
6.0
-
120-912 Intermittent‡
4
SPNO
L
12
6.0
Copper
12
80
400
-
-
2.50 3.00 3.25
6.0
-
120-902 Continuous
4
SPNO Standard
15
20.8
Silver Alloy 15
100
400
-
-
2.13 2.88 3.25
6.0
-
120-908 Continuous
4
SPNO
L
15
20.8
Silver Alloy 15
100
400
-
-
2.50 3.00 3.25
6.0
-
120-903 Continuous
4
SPNO Standard
18
37.0
Silver Alloy 18
100
400
-
-
2.13 2.88 3.25
6.0
-
C 120-904 Continuous
4
SPNO Standard
24
64.0
Silver Alloy 24
100
400
-
-
2.13 2.88 3.25
6.0
-
120-910 Continuous
4
SPNO
L
24
64.0
Silver Alloy 24
100
400
-
-
2.50 3.00 3.25
6.0
-
120-905 Continuous
4
SPNO Standard
36
160.0
Silver Alloy 36
100
400
-
-
2.13 2.88 3.25
6.0
-
120-911 Continuous
4
SPNO
L
36
160.0
Silver Alloy 36
100
400
-
-
2.50 3.00 3.25
6.0
-
D 120-914 Continuous
6
SPNO Standard
15
23.0
Silver Nickel
15
100
400
-
-
2.13 2.87 3.09
6.0
-
120L-915 Continuous
7
SPNO
L
12
6.0
Silver Alloy 12
80
400
-
-
2.50 3.00 3.14
6.0
-
hardwareTorquespecification
–– Contact Terminal: 45-55 inch-lbs.
–– Coil Terminal: 12-18 inch-lbs.
–– caution:Abackupwrenchmustbeusedtoholdthebottom
nutstationary
Type120customDesigncapabilities
–– Coil Voltages 6VDC through 48VDC
–– 1/4" Contact Studs
–– 1/4" Q.C. Coil Terminals
–– U.L. 94-VO rated case material
–– Please complete application data form on page 95 of this section
note:
cautionmustbeusedincoilselectionforusein12voltsystemswherebatterychargingmayexposecoiltocontinuous,
higher-than-ratedvoltage.stancorwillnotberesponsibleforconsequencesofmisappliedsolenoids.


Similar Part No. - 120-902

ManufacturerPart #DatasheetDescription
logo
Altech corporation
120-902 ALTECH-120-902 Datasheet
906Kb / 26P
   TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
More results

Similar Description - 120-902

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
586-901 ETC-586-901 Datasheet
286Kb / 2P
   RELAYS AND CONTAC TOR S
184-911 ETC2-184-911 Datasheet
251Kb / 3P
   R E L AYS AND CONTAC TOR S
124-906 ETC2-124-906 Datasheet
397Kb / 3P
   R E L AYS AND CONTAC TOR S
logo
Panasonic Battery Group
TX-S PANASONICBATTERY-TX-S Datasheet
134Kb / 6P
   TX-S RELAYS
logo
SeCoS Halbleitertechnol...
SM2116 SECOS-SM2116 Datasheet
587Kb / 4P
   Voltage Regula tor
SM2113 SECOS-SM2113 Datasheet
634Kb / 5P
   Voltage Regula tor
SM2114 SECOS-SM2114 Datasheet
648Kb / 5P
   5Voltage Regula tor
SM6201 SECOS-SM6201 Datasheet
1Mb / 8P
   Voltage Regula tor
SM2123 SECOS-SM2123 Datasheet
660Kb / 5P
   Voltage Regula tor
SM62FP SECOS-SM62FP Datasheet
1Mb / 7P
   Voltage Regula tor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com