Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

120-908 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 120-908
Description  RELAYS AND CONTAC TOR S
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

120-908 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  120-908 Datasheet HTML 1Page - List of Unclassifed Manufacturers 120-908 Datasheet HTML 2Page - List of Unclassifed Manufacturers 120-908 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.stancor.com

R E l AY S A N D C O N TA C T O R S
L
2.125
1.062
1.375
.312
2.125
W
2.875
.281 WIDE X .400 LONG
(2 SLOTS) .495
MIN.
.451
MIN.
H
3.253
#10-32 UNF-2A
THREAD
.875
5/16-24 UNF-2A THREAD
(2 PLACES)
CIRCUIT
DIAGRAM
2.125
1.062
1.375
.250
.281 WIDE X .400 LONG
2.125
2.875
3.094 MAX.
.048
.388
MIN.
.875
5/16-24 UNF-2A
THREAD TYP.
CIRCUIT
DIAGRAM
L
2.500
.312
1.375
3.00
2.125
3.253 MAX.
.900
1.344
1.750
.281 WIDE X .400 LONG
(4 SLOTS)
.032 X .250 QUICK CONNECT
.495 MIN.
.875
5/16-24 UNF-2A THREAD
(2 PLACES)
CIRCUIT
DIAGRAM
±
2.500
.625
1.375
.048
3.137
MAX.
.900
2.125
3.00
LABEL
.234
.281 WIDE X .400 LONG
(4 SLOTS)
1.344
1.750
4.000 .125
.220 MIN.
#10-32 UNF-2A THREAD TYP.
.495 MIN.
5/16-24 UNF-2A
THREAD TYP.
.875
CIRCUIT
DIAGRAM
L
3.25
W 3.00
.625 1.375
2.125
WIDE .281 X
.400 LONG SLOT
H MAX.
2.50
.900
.451
MIN.
.875
.495 MIN.
5/16-24 UNF-21 THD.
(2 PLACES)
#10-32 UNF-2A THD.
(2 PLACES)
CIRCUIT
DIAGRAM
Terminal Type  – Grounded Coil to Bracket
Terminal Type  – Delphi Connection (STD Bracket)
Terminal Type  – Isolated Coil (L Bracket)
Terminal Type  – Latching Coil (L Bracket)
Terminal Type  –
Grounded Coil with Q.C. Terminal
Type 0 & 0L


Similar Part No. - 120-908

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
120-900-1161R WINCHESTER-120-900-1161R Datasheet
74Kb / 1P
   QC-N STRAIGHT PLUG CRIMP ATTACHMENT
logo
Altech corporation
120-902 ALTECH-120-902 Datasheet
906Kb / 26P
   TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
120-903 ALTECH-120-903 Datasheet
906Kb / 26P
   TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
120-904 ALTECH-120-904 Datasheet
906Kb / 26P
   TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
120-905 ALTECH-120-905 Datasheet
906Kb / 26P
   TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
More results

Similar Description - 120-908

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
586-901 ETC-586-901 Datasheet
286Kb / 2P
   RELAYS AND CONTAC TOR S
184-911 ETC2-184-911 Datasheet
251Kb / 3P
   R E L AYS AND CONTAC TOR S
124-906 ETC2-124-906 Datasheet
397Kb / 3P
   R E L AYS AND CONTAC TOR S
logo
Panasonic Battery Group
TX-S PANASONICBATTERY-TX-S Datasheet
134Kb / 6P
   TX-S RELAYS
logo
SeCoS Halbleitertechnol...
SM2116 SECOS-SM2116 Datasheet
587Kb / 4P
   Voltage Regula tor
SM2113 SECOS-SM2113 Datasheet
634Kb / 5P
   Voltage Regula tor
SM2114 SECOS-SM2114 Datasheet
648Kb / 5P
   5Voltage Regula tor
SM6201 SECOS-SM6201 Datasheet
1Mb / 8P
   Voltage Regula tor
SM2123 SECOS-SM2123 Datasheet
660Kb / 5P
   Voltage Regula tor
SM62FP SECOS-SM62FP Datasheet
1Mb / 7P
   Voltage Regula tor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com