Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-09-1043 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 19-09-1043
Description  2.36mm Diameter, .093 Pin and Socket Receptacle Housing with Positive Latch, 4 Circuits, with Pre-bent Mounting Ears
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

19-09-1043 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  19-09-1043 Datasheet HTML 1Page - Molex Electronics Ltd. 19-09-1043 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 09/02/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
19-09-1043
Status:
Active
Overview:
Standard .093" Pin and Socket Connectors
Description:
2.36mm Diameter, .093" Pin and Socket Receptacle Housing with Positive Latch, 4
Circuits, with Pre-bent Mounting Ears
Documents:
3D Model
Packaging Specification PK-1991-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-02-09 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
1991
Application
Power, Wire-to-Wire
Comments
Glow Wire Equivalent Part Number 50-36-1692.
Polarized to Mating Part
Overview
Standard .093" Pin and Socket Connectors
Product Name
Standard .093"
UPC
800753843332
Physical
Breakaway
No
Circuits (maximum)
4
Circuits Detail
1x4
Color - Resin
Natural
Flammability
94V-2
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
3.174/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
6.30mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
9A
Material Info
Old Part Number
1991-4R2
Reference - Drawing Numbers
Packaging Specification
PK-1991-001
Product Specification
PS-02-09
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1991Series
Mates With
19-09-2042 , 19-09-2043
Use With
1189 Crimp Terminals, 1190 Crimp
Terminals, 1380 Male Crimp Terminals,
1381 Female Crimp Terminals, 1433 Crimp
Terminals, 1434 Male Crimp Terminals,
1973 , 2151 , 2273 , 2870 , 2871 , 4272 ,
4550 , 6271


Similar Part No. - 19-09-1043

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19-09-1042 MOLEX2-19-09-1042 Datasheet
152Kb / 4P
   2.36mm (.093) Diameter, .093 Pin and Socket Receptacle Housing with Positive Latch, 4 Circuits, Without Mounting Ears
19-09-1042 MOLEX11-19-09-1042 Datasheet
44Kb / 2P
   2.36mm Diameter, .093 Pin and Socket Receptacle Housing with Positive Latch, 4 Circuits, without Mounting Ears
19-09-1046 MOLEX2-19-09-1046 Datasheet
115Kb / 3P
   2.36mm (.093) Diameter Standard .093 Pin and Socket Receptacle Housing With Positive Latch, UL 94V-0, 4 Circuits
19-09-1046 MOLEX11-19-09-1046 Datasheet
39Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing with Positive Latch, UL 94V-0, 4 Circuits
19-09-1049 MOLEX2-19-09-1049 Datasheet
115Kb / 3P
   2.36mm (.093) Diameter Standard .093 Pin and Socket Receptacle Housing With Positive Latch, UL 94V-2, 4 Circuits
More results

Similar Description - 19-09-1043

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0019091043 MOLEX2-0019091043 Datasheet
152Kb / 4P
   2.36mm (.093) Diameter, .093 Pin and Socket Receptacle Housing with Positive Latch, 4 Circuits, With Pre-bent Mounting Ears
0019092043 MOLEX2-0019092043 Datasheet
159Kb / 4P
   2.36mm (.093) Diameter, .093 Pin and Socket Plug Housing with Positive Latch, 4 Circuits, With Pre-bent Mounting Ears
0019092031 MOLEX2-0019092031 Datasheet
167Kb / 4P
   2.36mm (.093) Diameter, .093 Pin and Socket Plug Housing with Positive Latch, 3 Circuits, With Pre-bent Mounting Ears
19-09-2031 MOLEX11-19-09-2031 Datasheet
45Kb / 2P
   2.36mm Diameter, .093 Pin and Socket Plug Housing with Positive Latch, 3 Circuits, with Pre-bent Mounting Ears
19-09-2032 MOLEX11-19-09-2032 Datasheet
45Kb / 2P
   2.36mm Diameter, .093 Pin and Socket Plug Housing with Positive Latch, 3 Circuits, with Pre-bent Mounting Ears
19-09-2036 MOLEX11-19-09-2036 Datasheet
42Kb / 1P
   2.36mm Diameter, .093 Pin and Socket Plug Housing with Positive Latch, 3 Circuits, with Pre-bent Mounting Ears
0050361692 MOLEX3-0050361692 Datasheet
191Kb / 4P
   2.36mm (.093") Diameter, .093" Pin and Socket Receptacle Housing with Positive Latch, 6 Circuits, With Pre-bent Mounting Ears, Glow Wire Compatible
0019091042 MOLEX2-0019091042 Datasheet
152Kb / 4P
   2.36mm (.093) Diameter, .093 Pin and Socket Receptacle Housing with Positive Latch, 4 Circuits, Without Mounting Ears
0003091027 MOLEX1-0003091027 Datasheet
214Kb / 4P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Receptacle Housing, 2 Circuits, With Pre-bent Mounting Ears, With Ramps
19-09-1042 MOLEX11-19-09-1042 Datasheet
44Kb / 2P
   2.36mm Diameter, .093 Pin and Socket Receptacle Housing with Positive Latch, 4 Circuits, without Mounting Ears
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com