Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

184-914 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 184-914
Description  R E L AYS AND CONTAC TOR S
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

184-914 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  184-914 Datasheet HTML 1Page - List of Unclassifed Manufacturers 184-914 Datasheet HTML 2Page - List of Unclassifed Manufacturers 184-914 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.stancor.com
0
R E l AY S A N D C O N TA C T O R S
GeneralPurposeRelay
General Purpose Relays-Type 
Engineering Design Data
magnetcoilRating operationin%of
BreakdownVoltages
(VoltAmperes)
nom.coilRating AllTerminals-60hzRms contactmaterial
electricallife
mechanicallife
open
max.
A.c.
max.
contacts
oper.
oper. oper.
or
sealed
safe
opposite same
To
oper.At
Per
oper.At Per
Amb.
Type
D.c
Inrush nom. max. Pick-up operate Polarity Polarity Ground
Power
Ratedload min.
noload min
°F
184
A.C.
4
2.8
3
85%
110%
1500
1000
1500
Silver
100,000†
6
1,000,000 60
150
Alloy
D.C.
2
-
-
66%
110%
1500
1000
1500
Silver
100,000
6
1,000,000 60
150
Alloy
12 Amps. Continuous
60 Amps. Inrush
@ 125 V.A.C.
8 Amps. Continuous
48 Amps. Inrush
@ 250 V.A.C.
7 Amps Continuous
42 Amps. Inrush
@ 277 V.A.C.
18 Amps.
Continuous
@ 277 V.A.C.
† Load tests – making inrush ratings (0.4 to 0.5 P.F.) – breaking 125% continuous rating (0.65 to 0.8 P.F.)
For schematic diagrams and outline drawings refer to page 62.
–– Totally Enclosed
–– A.C. Coils Rated 50/60Hz
sTAncoR
A.c.
DImensIons-Inches
PART
or
contactRating
case
Weight Agency✳
sec. nUmBeR
PoleForm coilVolt. D.c.
Inductive
Resistive
l
W
h
(oz.) certification
A
184-911
SPNO
6
A.C.
1.84
1.27
1.56
3.0
UL/CSA
184-912
SPNO
24
A.C.
1.84
1.27
1.56
3.0
UL/CSA
184-913
SPNO
120
A.C.
1.84
1.27
1.56
3.0
UL/CSA
184-914
SPNO
208/240
A.C.
1.88
1.27
1.56
3.0
UL/CSA
184-929
SPNO
277
A.C.
1.84
1.27
1.56
3.0
UL/CSA
B
184-915
SPDT
6
A.C.
1.84
1.27
1.56
3.0
UL/CSA
184-916
SPDT
24
A.C.
1.84
1.27
1.56
3.0
UL/CSA
184-917
SPDT
120
A.C.
1.84
1.27
1.56
3.0
UL/CSA
184-918
SPDT
208/240
A.C.
1.84
1.27
1.56
3.0
UL/CSA
184-930
SPDT
277
A.C.
1.84
1.27
1.56
3.0
UL/CSA
C
184-919
SPNO/SPNC
24
A.C.
1.84
1.27
1.56
3.0
UL/CSA
184-920
SPNO/SPNC
120
A.C.
1.84
1.27
1.56
3.0
UL/CSA
184-921
SPNO/SPNC 208/240
A.C.
1.84
1.27
1.56
3.0
UL/CSA
184-931
SPNO/SPNC
277
A.C.
1.84
1.27
1.56
3.0
UL/CSA
184D-901
SPDT
12
D.C.
4 Amps @ 12V 1.88
1.27
1.56
3.0
UL/CSA
D
184-927
SPNO/SPNC
120
A.C.
14 Amps. Continuous
25 Amps.
1.84
1.27
1.56
3.0
UL/CSA
60 Amps. Inrush
Continuous
@125 V.A.C.
Agency Certification Note: UL Recognized (File E12139 or E22381)
CSA Certified (File LR 13360)


Similar Part No. - 184-914

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1840 BOURNS-1840 Datasheet
476Kb / 2P
   Signal and Dataline Protector
logo
API Delevan
1840-00M API-1840-00M Datasheet
52Kb / 1P
   Molded Unshielded RF Coils
1840-00M API-1840-00M Datasheet
1Mb / 1P
   Molded Unshielded RF Coils
1840-02M API-1840-02M Datasheet
52Kb / 1P
   Molded Unshielded RF Coils
1840-02M API-1840-02M Datasheet
1Mb / 1P
   Molded Unshielded RF Coils
More results

Similar Description - 184-914

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
124-906 ETC2-124-906 Datasheet
397Kb / 3P
   R E L AYS AND CONTAC TOR S
586-901 ETC-586-901 Datasheet
286Kb / 2P
   RELAYS AND CONTAC TOR S
120-901 ETC2-120-901 Datasheet
377Kb / 3P
   RELAYS AND CONTAC TOR S
SSC-736A ETC2-SSC-736A Datasheet
814Kb / 32P
   S O L D E R I N G , D E S O L D E R I N G A N D R E W O R K S Y S T E M S
logo
SIPAT Co,Ltd
LBN07059 SIPAT-LBN07059 Datasheet
126Kb / 1P
   S A W F i l t e r E l e c t r i c a l C h a r a c t e r i s t i c
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
   S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
logo
E-Tech Electronics LTD
GPNE555 ETL-GPNE555 Datasheet
503Kb / 5P
   S I N G L E T I M E R
logo
Powerbox
PBB6A POWERBOX-PBB6A Datasheet
417Kb / 3P
   C O S E L S I N G L E / D U A L D C / D C C O N V E R T E R
logo
AMETHERM Circuit Protec...
AS320R536 AMETHERM-AS320R536_12 Datasheet
244Kb / 3P
   I N R U S H C U R R E N T L I M I T E R S
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com