Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T40-24S1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # T40-24S1
Description  C L A S S 2 T R ANS FORME R S
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T40-24S1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  T40-24S1 Datasheet HTML 1Page - List of Unclassifed Manufacturers T40-24S1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.stancor.com

C l A S S 2 T R A N S F O R M E R S
Class  Transformers
Fseries
All Primaries 50/60 Hz.
sTAncoR
DImensIons-Inches
PART
Input
output
output
Weight
Agency
sec. nUmBeR
Voltage
hz
Voltage current VA
mounting
PriTerm secTerm
h
W
D
mW
(lbs.)
certification
A
592-9012
120
50/60
24
1.67
40
Foot
1/4 QC
1/4 QC
2.25
3.69
2.25
3.13
1.5
UL/CSA
592-9013
240
50/60
24
1.67
40
Foot
1/4 QC
1/4 QC
2.25
3.69
2.25
3.13
1.5
UL/CSA
592-9016
120/240
50/60
24
1.67
40
Foot
1/4 QC
1/4 QC
2.25
3.69
2.25
3.13
1.5
UL/CSA
592-9017
208/240
50/60
24
1.67
40
Foot
1/4 QC
1/4 QC
2.25
3.69
2.25
3.13
1.5
UL/CSA
592-9018
120/208/240
50/60
24
1.67
40
Foot
1/4 QC
1/4 QC
2.25
3.69
2.25
3.13
1.5
UL/CSA
B
T40-24F1
120
60
24
1.67
40
Foot
Leads
Leads
2.75
3.25
2.19
2.81
1.36
T40-24F2
208/240
50/60
24
1.67
40
Foot
Leads
Leads
2.75
3.25
2.19
2.81
1.44
T40-24F3
120/208/240
60
24
1.67
40
Foot
Leads
Leads
2.75
3.25
2.19
2.81
1.44
T40-24
120/208/240
50/60
24
1.67
40
Foot
Leads
Leads
2.25
3.69
2.31
3.17
1.75
T50-24F3
120/208/240
60
24
2.08
50
Foot
Leads
Leads
2.75
3.25
2.62
2.81
1.96
C
T40-24M1
120
60
24
1.67
40
Universal*
Leads
Leads
2.75
3.25
2.44
2.81
1.85
T40-24M2
208/240
50/60
24
1.67
40
Universal*
Leads
Leads
2.75
3.25
2.44
2.81
1.85
T40-24M3
120/208/240
60
24
1.67
40
Universal*
Leads
Leads
2.75
3.25
2.44
2.81
1.85
T50-24M3
120/208/240
60
24
2.08
50
Universal*
Leads
Leads
2.75
3.25
2.81
2.81
2.10
D
T40-24S1
120
60
24
1.67
40
Universal*
Leads
Screw
2.75
3.25
2.44
2.81
1.85
T40-24S2
208/240
50/60
24
1.67
40
Universal*
Leads
Screw
2.75
3.25
2.44
2.81
1.85
T40-24S3
120/208/240
60
24
1.67
40
Universal*
Leads
Screw
2.75
3.25
2.44
2.81
1.85
T50-24S3
120/208/240
60
24
2.08
50
Universal*
Leads
Screw
2.75
3.25
2.81
2.81
2.10
E
T50-24C3
120/208/240
50/60
24
2.08
50
Foot
Leads
Leads
2.62
4.00
3.25
3.56
2.12
T60-24C3
120/208/240
50/60
24
2.50
60
Foot
Leads
Leads
2.62
4.00
3.25
3.56
2.19
T75-24C3
120/208/240
50/60
24
3.12
75
Foot
Leads
Leads
2.62
4.00
3.53
3.56
2.48
T100-25C1
120
60
25
4.00
100
Foot
Leads
Leads
2.62
4.00
3.38
3.56
2.65
T100-25C2
208/240
50/60
25
4.00
100
Foot
Leads
Leads
2.62
4.00
3.63
3.56
3.00
For additional outline drawings refer to page 44.
* Universal mounting includes 4 x 4 Plate
Agency Certification Note:
UL Recognized (File E-109254)
CSA Certified (File LR 67888)
UL Recognized for use in the U.S. and
Canada (File E-33334)
MW
W
H
D
.179 X .268
2 SLOTS
120V
YEL
YEL
24VAC, 40VA
COM
BLK
208V
RED
WHT
240V
ORG
SCHEMATIC
T40-024
cseries
mseries
592series
sseries
T40-24
H
.186 DIA.
(2 HOLES)
MW
W
D
592series
24VAC, 40VA


Similar Part No. - T40-24S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T40-24 ETC2-T40-24 Datasheet
426Kb / 2P
   CLASS 2 TRANSFORMERS
More results

Similar Description - T40-24S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW-428 ETC2-SW-428 Datasheet
313Kb / 2P
   P R INT E D C I RCUI T T R ANS FORME R S
logo
SIPAT Co,Ltd
LBN07059 SIPAT-LBN07059 Datasheet
126Kb / 1P
   S A W F i l t e r E l e c t r i c a l C h a r a c t e r i s t i c
logo
SHANTOU HUASHAN ELECTRO...
HS600K HUASHAN-HS600K Datasheet
192Kb / 3P
   NPN S I L I C O N T R A N S I S T O R
logo
E-Tech Electronics LTD
GSC1473A ETL-GSC1473A Datasheet
139Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
GMBTA05 ETL-GMBTA05 Datasheet
227Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
GSMBTA05 ETL-GSMBTA05 Datasheet
211Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
GMA06 ETL-GMA06 Datasheet
222Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
GSMBTA06 ETL-GSMBTA06 Datasheet
211Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA56 ETL-GSMBTA56 Datasheet
196Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com