Electronic Components Datasheet Search |
|
70-118221-2B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
70-118221-2B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 3 page R-4003C 1233 APPLICATION NOTES • Aback-upwrenchMUSTbeusedtoholdthebottomnutstationaryduringinstallation. • Solenoidsappliedinbatterychargingcircuitsshouldbeprotectedfromhigherthanratedvoltageduringcharging.The servicelifemaybeaffectedbythisconditionandthesolenoidmayormaynotoperatethecircuitasintended. • Circuitsshouldbedesignedtoprovidesafeoperationshouldthesolenoidfailineithertheopenorclosedposition. • Specialconstructionoptions,includingacurvedbracket,maybeavailableunderotherpartnumbers,including111- xxxD(shortcan),111-xxxE(longcan),5608-xand878x-x. Coil Terminal to Ground SPNO – Isolated Coil SPDT – Isolated Coil Coil Common to Load 5/16–UNF–2A .485 (USABLE) LENGTH 5/16–UNF–2A .485 (USABLE) LENGTH .281 WIDE X .390 LONG SLOT .281 WIDE X .390 LONG SLOT CIRCUIT DIAGRAM COIL CONNECTION (ISOLATED) #10-32 UNF-2A X .470 .569 1.082 H 2.400 2.109 W 3.480 L 2.429 (Type 70) 2.725 (Type 71) 0.900 (Type 70) 1.196 (Type 71) 0.900 (Type 70) 1.196 (Type 71) 0.900 (Type 70) 1.196 (Type 71) 0.900 (Type 70) 1.196 (Type 71) L 2.429 (Type 70) 2.725 (Type 71) L 3.313 (Type 70) 3.609 (Type 71) L 2.429 (Type 70) 2.725 (Type 71) H 2.400 5/16–UNF–2A .485 (USABLE) LENGTH 5/16–UNF–2A .485 (USABLE) LENGTH .281 WIDE X .390 LONG SLOT .281 WIDE X .390 LONG SLOT COIL CONNECTION (COMMON) COIL CONNECTION (COMMON) COMMON TERMINAL #10–32 UNF–2A .470 LONG #10–32 UNF–2A .470 LONG CIRCUIT DIAGRAM CIRCUIT DIAGRAM CIRCUIT DIAGRAM 2.109 1.082 W 3.480 COIL CONNECTION WITH GROUND WIRE GROUND WIRE #10-32 UNF-2A X .470 W 3.480 .569 .569 H 2.400 H 2.400 1.082 1.082 W 3.480 2.109 .569 2.109 .248 .248 .248 .248 TYPE 70/71 PART NUMBERING SYSTEM 7x – x xx x x x - x Coil Termination (15 in-lb torque spec.) 221 – Isolated coil, all Ag contacts 222 – Coil terminal with ground wire, all Ag contacts 224 – Isolated coil, Cu NO and Ag NC contacts 225 – Coil terminal with ground wire, Cu NO and Ag NC contacts 226 – Coil common to NO (stud marked “BAT”), Cu NO and Ag NC contacts Coil Voltage/Duty 08 – 6 Volt continuous 09 – 6 Volt intermittent 11 – 12 Volt continuous 12 – 12 Volt intermittent 14 – 18 Volt continuous 15 – 18 Volt intermittent 17 – 24 Volt continuous 18 – 24 Volt intermittent 20 – 36 Volt continuous 21 – 36 Volt intermittent 2 – Hardware loosely assembled 2B – Customer requested markings 2C – Customer requested markings 3 – Customer requested markings 4 – Customer requested markings 5 – Hardware bulk packed 5C – Customer requested markings 5F – Customer requested markings 7 – No hardware included Contact Form 1 – SPNO 3 – SPDT Basic Part Number Series Type 71 case is approx. 0.29” longer than Type 70 Factory Assigned Specials (where undefined, contact factory) Notallpartnumbercombinationsarereleased.PleasecontactyourSalesRepresentativefor alistofactivepartnumbers. |
Similar Part No. - 70-118221-2B |
|
Similar Description - 70-118221-2B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |