Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

120-107231-1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 120-107231-1
Description  Capable of handling low and high current requirements
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

120-107231-1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  120-107231-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 120-107231-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers 120-107231-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ENGINEERING DATA
Contacts
• Poleform–SPNO
• Material–silveralloyorcopper
• Termination–5/16”-24UNF-2Athreador
1
/4”-20UNC-2Athread
Coils
• Voltage–6VDCthrough48VDC
• Termination–#8-32UNC-2A,
#10-32UNF-2Athreador
1/4”quick-connect
• Power(approximate)
Continuous8.1watts
Intermittent14.4watts
• Connections
1.Coilisolated(twoterminals)
2.Onecoilleadgroundedtobracket
(oneterminal)
• Operate(77°F/25°C)
67%ofnominal(Int.)
75%ofnominal(Cont.)
110%max.safeofnominalcoilvoltage
Type 120
solenoid
FEATURES
• Waterresistant
• Capableofhandlinglowandhighcurrentrequirements
• Versatilemountingandtermination
RATINGS
Volts DC
12 VDC
12 VDC
36 VDC
Cont.
80A
100 A
100 A
Elec. Life
10,000
50,000
25,000
Contact Material
Copper
Silver Alloy
Silver Alloy
Inrush
400 A
400 A
400 A
Consult factory for additional ratings.
COIL DATA
Volts DC
6
12
14
15
24
36
48
Resistance in Ohms
Intermittent
*
6.0
*
9.4
24.0
54.0
*
Continuous
4.0
16.0
26.0
23.0
64.0
160.0
256.0
* SPECIAL COILS AVAILABLE UPON REQUEST
WHITE-RODGERS
DC PRODUCTS
R-4002C
1233
GENERAL DATA
DielectricStrength
•500Volts
TemperatureRange
•-20°Fto150°F(-28.9°Cto65.6°C)(Inter-
mittent)
•-20°Fto120°F(-28.9°Cto48.9°C)(Con-
tinuous)
MechanicalLife(noload)
•100,000cycles
MountingPosition
•Recommendedmountingiscoilterminals
uporhorizontal
Weight(approximate)
•SPNO–6.0oz.
DutyCycle
•Continuous
•Intermittent–30seconds“on”maximum
andminimum6minutes“off”
HardwareTorqueSpecification
•ContactTerminal:45-55inch-lbs.
•CoilTerminal:12-18inch-lbs.
St.Louis,MissouriMarkham,Ontario
314-553-3600905-948-3411
www.white-rodgers.com
The Emerson logo is a
trademark and a service mark
of Emerson Electric Co.


Similar Part No. - 120-107231-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
120-107112 ETC2-120-107112 Datasheet
53Kb / 1P
   SPNO
More results

Similar Description - 120-107231-1

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GDSSF2816EB GOOD-ARK-GDSSF2816EB Datasheet
444Kb / 4P
   High Power and current handling capability
GDSSF2418EB GOOD-ARK-GDSSF2418EB Datasheet
507Kb / 4P
   High Power and current handling capability
GDSSF6401 GOOD-ARK-GDSSF6401 Datasheet
953Kb / 6P
   High Power and current handling capability
logo
Taiwan Semiconductor Co...
TSM10NB60 TSC-TSM10NB60 Datasheet
667Kb / 7P
   High power and current handling capability
logo
Silikron Semiconductor ...
SSF2418EB SILIKRON-SSF2418EB Datasheet
300Kb / 5P
   High Power and current handling capability
SSF2816EB SILIKRON-SSF2816EB Datasheet
304Kb / 5P
   High Power and current handling capability
SSF3617 SILIKRON-SSF3617 Datasheet
334Kb / 5P
   High Power and current handling capability
logo
P-tec Corporation
PL00182-WCRY2722 P-TEC-PL00182-WCRY2722 Datasheet
42Kb / 1P
   Low current requirements
PL00182-WCRY2122 P-TEC-PL00182-WCRY2122 Datasheet
28Kb / 1P
   Low current requirements
PL00182-WCYB0611 P-TEC-PL00182-WCYB0611 Datasheet
28Kb / 1P
   Low current requirements
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com