Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTT3434 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GTT3434
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GTT3434 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GTT3434 Datasheet HTML 1Page - E-Tech Electronics LTD GTT3434 Datasheet HTML 2Page - E-Tech Electronics LTD GTT3434 Datasheet HTML 3Page - E-Tech Electronics LTD GTT3434 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GTT3434
Page: 2/4
ISSUED DATE :2006/10/31
REVISED DATE :
Electrical Characteristics (Tj = 25 :::: unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250uA
Gate Threshold Voltage
VGS(th)
0.6
-
-
V
VDS=VGS, ID=1mA
Forward Transconductance
gfs
-
20
-
S
VDS=10V, ID=6.1A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±12V
Drain-Source Leakage Current(Tj=25 )
:
-
-
1
uA
VDS=30V, VGS=0
Drain-Source Leakage Current(Tj=70 )
:
IDSS
-
-
5
uA
VDS=24V, VGS=0
-
-
34
VGS=4.5V, ID=6.1A
Static Drain-Source On-Resistance2
RDS(ON)
-
-
50
m
VGS=2.5V, ID=2.0A
Total Gate Charge2
Qg
-
8
12
Gate-Source Charge
Qgs
-
1.9
-
Gate-Drain (“Miller”) Change
Qgd
-
2.6
-
nC
ID=6.1A
VDS=15V
VGS=4.5V
Turn-on Delay Time2
Td(on)
-
21
-
Rise Time
Tr
-
45
-
Turn-off Delay Time
Td(off)
-
40
-
Fall Time
Tf
-
30
-
ns
VDS=15V
ID=1A
VGS=4.5V
RG=6
RL=15
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage2
VSD
-
-
1.2
V
IS=1.7A, VGS=0V
Reverse Recovery Time2
Trr
-
40
-
ns
IS=1.7A, dI/dt=100A/ s
Notes: 1. Pulse width limited by Max. junction temperature.
2. Pulse width 300us, duty cycle 2%.
3. Surface mounted on 1 in2 copper pad of FR4 board, t 5sec; 180 /W when mounted on Min. copper pad.
:


Similar Part No. - GTT3434

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GTT3434 GTM-GTT3434 Datasheet
295Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GTT3434

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com