Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU10000RT3U Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SU10000RT3U
Description  SmartOnline 10kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V NEMA outlets
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SU10000RT3U Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SU10000RT3U Datasheet HTML 1Page - List of Unclassifed Manufacturers SU10000RT3U Datasheet HTML 2Page - List of Unclassifed Manufacturers SU10000RT3U Datasheet HTML 3Page - List of Unclassifed Manufacturers SU10000RT3U Datasheet HTML 4Page - List of Unclassifed Manufacturers SU10000RT3U Datasheet HTML 5Page - List of Unclassifed Manufacturers SU10000RT3U Datasheet HTML 6Page - List of Unclassifed Manufacturers SU10000RT3U Datasheet HTML 7Page - List of Unclassifed Manufacturers SU10000RT3U Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LED Indicators
6 LEDs indicate line power, online mode, economy/bypass mode, on-battery, charger and AC output status; LCD
screen offers additional information and control options
Front panel LCD display
Selectable LCD display with scroll and selection buttons enables UPS control and detailed monitoring options;
LED/LCD panel rotates for viewing in rack/tower formats; LCD Display supports ENGLISH, FRENCH, GERMAN,
ITALIAN, SPANISH and PORTUGUESE (see manual)
Alarms
Unique audible alarms for all major UPS, environmental and power conditions (see manual)
Alarm cancel operation
Alarm cancel switch
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation; 2 additional switches support set and
execute scrolling LCD functions; bundled PDU includes bypass switch to enable hot-swap UPS power module
replacement
SURGE / NOISE SUPPRESSION
UPS AC suppression response time
Instantaneous
EMI / RFI AC noise suppression
Yes
PHYSICAL
Installation form factors supported
with included accessories
Tower
Included mounting accessory
description
2 sets of adjustable 4 post rack rails included; 2-9USTAND tower kit included
Installation form factors supported
with optional accessories
2 post rackmount (2POSTRMKITHD)
Optional mounting accessory notes
2 sets of 2POSTRMKITHD required for 2 post rackmount installation of separate power module and battery pack
Primary form factor
Rackmount
UPS / Power Module dimensions in
primary form factor (height x width x
depth / inches)
5.14 x 17.5 x 25.82
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
13.1 x 44.4 x 65.6
Installed whole system maximum
rack depth (inches)
32.5
Installed whole system maximum
rack depth (cm)
82.6
Rack Height
6U
Secondary form factor
Tower
UPS / Power Module weight (lbs)
43
UPS / Power Module weight (kg)
19.5
Included battery pack dimensions
(height x width x depth / inches)
5.25 x 17.5 x 25
Included battery pack dimensions
(height x width x depth / cm)
13.3 x 44.4 x 63.5
Included battery pack weight (lbs)
158.7
4 / 7


Similar Part No. - SU10000RT3U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU10000RT3U2TF TRIPPLITE-SU10000RT3U2TF Datasheet
545Kb / 6P
   SmartOnline 208-120V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 10U Vertical Rack-Tower, USB, DB9 Serial Bypass Switch
SU10000RT3UG TRIPPLITE-SU10000RT3UG Datasheet
550Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack-Tower, C19 Outlets
SU10000RT3UPM TRIPPLITE-SU10000RT3UPM Datasheet
492Kb / 3P
   SmartOnline 200-240V 10kVA 9kW UPS Spare - Redundant Power Module, 3U Rack-Tower
SU10000RT3UTAA TRIPPLITE-SU10000RT3UTAA Datasheet
201Kb / 6P
   SmartOnline 208/240V 10kVA On-Line UPS ??Double Conversion, 9kW, 6U, Network Card Option, TAA Compliant
SU10000RT3U TRIPPLITE-SU10000RT3U_15 Datasheet
546Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack-Tower, USB, DB9 Serial, Bypass Switch
More results

Similar Description - SU10000RT3U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU8000RT3U ETC2-SU8000RT3U Datasheet
540Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V NEMA outlets
SU10KRT3UHV ETC2-SU10KRT3UHV Datasheet
542Kb / 8P
   SmartOnline 10kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V Hardwire output
logo
Tripp Lite. All Rights ...
SU10000RT3UG TRIPPLITE-SU10000RT3UG Datasheet
550Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack-Tower, C19 Outlets
logo
List of Unclassifed Man...
SU6000RT3UHV ETC2-SU6000RT3UHV Datasheet
531Kb / 7P
   SmartOnline 6kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V Hardwire output
SU8000RT3UHW ETC2-SU8000RT3UHW Datasheet
549Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V Hardwire output
SU3000RTXL3UHV ETC2-SU3000RTXL3UHV Datasheet
505Kb / 7P
   SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 208/240V NEMA outlets
SU3000XL ETC2-SU3000XL Datasheet
536Kb / 7P
   SmartOnline 3kVA On-Line Double-Conversion UPS, Tower, 120V NEMA outlets
SU2200RTXL2UA ETC2-SU2200RTXL2UA Datasheet
504Kb / 8P
   SmartOnline 2.2kVA On-Line Double-Conversion UPS, 2U Rack/Tower, 110/120V NEMA outlets
logo
Tripp Lite. All Rights ...
SU10000RT3U TRIPPLITE-SU10000RT3U_15 Datasheet
546Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack-Tower, USB, DB9 Serial, Bypass Switch
logo
List of Unclassifed Man...
SU5000RT3U ETC2-SU5000RT3U Datasheet
538Kb / 7P
   SmartOnline 5kVA On-Line Double-Conversion UPS, 7U Rack/Tower, 208/120V NEMA outlets
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com