Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCPRO1050 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BCPRO1050
Description  BC Pro 1050VA Tower Standby 120V UPS with USB port
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BCPRO1050 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BCPRO1050 Datasheet HTML 1Page - List of Unclassifed Manufacturers BCPRO1050 Datasheet HTML 2Page - List of Unclassifed Manufacturers BCPRO1050 Datasheet HTML 3Page - List of Unclassifed Manufacturers BCPRO1050 Datasheet HTML 4Page - List of Unclassifed Manufacturers BCPRO1050 Datasheet HTML 5Page - List of Unclassifed Manufacturers BCPRO1050 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BC Pro 1050VA Tower Standby 120V UPS with USB
port
MODEL NUMBER: BCPRO1050
Description
Tripp Lite's BCPRO1050 standby UPS offers AC surge suppression and long lasting battery support for desktop PCs, network workstations and a wide variety
of consumer and professional electronics. Uninterruptible Power Supply / UPS circuits switch to battery backup mode within milliseconds to keep connected
equipment running without interruption or data loss during power failures, brownouts and overvoltages. AC surge suppression prevents connected equipment
damage. USB communications port supports full featured monitoring and data-saving auto-shutdown options using Tripp Lite's free PowerAlert monitoring
software.
Features
BCPRO1050 tower 120V standby UPS offers AC power protection from blackouts, brownouts, overvoltages and transient surges
1050VA / 705 watt UPS output capacity
Uninterruptible Power Supply / UPS operation maintains battery-derived AC output during blackouts, brownouts and overvoltages to prevent data loss
and system downtime for connected equipment
Built-in USB port enables data-saving unattended shutdown when used with Tripp Lite's PowerAlert software, available via FREE download from
www.tripplite.com
7 minutes runtime at 100% load (705 watts), 23 minutes runtime at 50% load (355 watts)
107 minutes runtime for a desktop computer system consuming 80 watts continuous
6 built-in NEMA 5-15R UPS supported outlets
NEMA 5-15P input connection with 6ft / 1.8m line cord
Network grade AC surge and lightning protection is available from all outlets
97% line mode efficiency rating uses less energy and BTU emissions
Front panel LEDs indicate line / battery mode, low battery, replace battery status; Audible alarm with alarm cancel / self-test button
Hot swappable user battery replacement
Optional PDUB15 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
Tower housing supports desk or floor placement
Specifications
Highlights
1050VA / 1.05kVA tower 120V
standby UPS
Maintains AC output during power
failures
USB port, Front panel status
LEDs, 97% efficient
NEMA 5-15P input plug and 6
NEMA 5-15R outlets
Package Includes
BCPRO1050 UPS System
USB cable
Instruction manual
1 / 5


Similar Part No. - BCPRO1050

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
BCPRO1050 TRIPPLITE-BCPRO1050 Datasheet
489Kb / 4P
   BC Pro 1050VA Tower Standby 120V UPS with USB port
BCPRO1050 TRIPPLITE-BCPRO1050_15 Datasheet
489Kb / 4P
   BC Pro 120V 1050VA 705W Standby UPS, Tower,USB port, 6 Outlets
More results

Similar Description - BCPRO1050

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
BCPRO1050 TRIPPLITE-BCPRO1050 Datasheet
489Kb / 4P
   BC Pro 1050VA Tower Standby 120V UPS with USB port
BCPRO1050 TRIPPLITE-BCPRO1050_15 Datasheet
489Kb / 4P
   BC Pro 120V 1050VA 705W Standby UPS, Tower,USB port, 6 Outlets
logo
List of Unclassifed Man...
BCPRO1400 ETC2-BCPRO1400 Datasheet
492Kb / 6P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO1400 TRIPPLITE-BCPRO1400 Datasheet
488Kb / 4P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
BCPRO600 TRIPPLITE-BCPRO600 Datasheet
483Kb / 4P
   BC Pro 600VA Tower Standby 120V UPS with USB port
logo
List of Unclassifed Man...
BCPRO600 ETC2-BCPRO600 Datasheet
486Kb / 6P
   BC Pro 600VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO1400 TRIPPLITE-BCPRO1400_15 Datasheet
489Kb / 4P
   BC Pro 120V 1400VA 940W Standby UPS, Tower,USB port, 6 Outlets
BCPRO600 TRIPPLITE-BCPRO600_15 Datasheet
483Kb / 4P
   BC Pro 120V 600VA 345W Standby UPS, Tower,USB port, 6 Outlets
logo
List of Unclassifed Man...
BCPERS450 ETC2-BCPERS450 Datasheet
501Kb / 6P
   BC Personal 450VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPERS450 TRIPPLITE-BCPERS450 Datasheet
498Kb / 4P
   BC Personal 450VA Tower Standby 120V UPS with USB port
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com