Electronic Components Datasheet Search |
|
QK006VH4 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers |
|
QK006VH4 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 10 page Data Sheets Alternistor Triacs ©2004 Littelfuse, Inc. E4 - 7 http://www.littelfuse.com Thyristor Product Catalog +1 972-580-7777 Figure E4.1 Maximum Allowable Case Temperature versus On-state Current (6 A to 12 A) Figure E4.2 Maximum Allowable Case Temperature versus On-state Current (8 A to 12 A) Figure E4.3 Maximum Allowable Case Temperature versus On-state Current (16 A) Figure E4.4 Maximum Allowable Case Temperature versus On-state Current (25 A to 40 A) Figure E4.5 On-state Current versus On-state Voltage (Typical) (6 A to 12 A) Figure E4.6 On-state Current versus On-state Voltage (Typical) (16 A to 40 A) 02468 10 12 14 0 60 70 80 90 100 110 120 130 RMS On-State Current [lT(RMS)] - AMPS 12A TO-220 (ISOLATED) 10A TO-220 (NON-ISOLATED) and D2 PAK 6A TO-220 (ISOLATED) 6A TO-220 (NON-ISOLATED) TO-263, TO-251 and TO-252 CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 360 ˚ CASE TEMPERATURE: Measured as shown on Dimensional Drawing 02468 10 12 14 0 60 70 80 90 100 110 120 130 RMS On-state Current [lT(RMS)] – Amps 12 A TO-220 (Non-isolated) and TO-263 10 A TO-220 (Isolated) 8 A TO-220 (Non-isolated), TO-263, TO-251, and TO-252 CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 360˚ CASE TEMPERATURE: Measured as shown on Dimensional Drawing 8 A TO-220 (Isolated) 0 60 70 80 90 100 110 120 130 0 5 10 15 RMS On-state Current [IT(RMS)] – Amps 16A TO-220 (Non-isolated) and TO-263 16A TO-220 (Isolated) CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 360˚ CASE TEMPERATURE: Measured as shown on Dimensional Drawing 0 1020304050 50 60 70 80 90 100 110 120 130 RMS On-state Current [lT(RMS)] – Amps 35 A TO-220 (Non-isolated) and TO-263 25 A and 30 A TO-220 (Isolated) CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 360˚ CASE TEMPERATURE: Measured as shown on Dimensional Drawing 40 A TO-218 (Isolated) 25 25 A TO-220 (Non-isolated) TO-218 (Isolated) TO-263 0 2 6 8 10 12 14 16 18 20 0 0.6 0.8 1.0 1.2 1.4 1.6 Positive or Negative Instantaneous On-state Voltage (v T ) – Volts TC = 25 ˚C 4 6 A to 12 A Devices 90 80 70 60 50 40 30 20 10 0 0 0.6 0.8 1.0 1.2 1.4 1.6 TC = 25˚C 1.8 Positive or Negative Instantaneous On-state Voltage (v T ) – Volts 40 A Devices 16 A Devices 25 A to 35 A Devices |
Similar Part No. - QK006VH4 |
|
Similar Description - QK006VH4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |