Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6016LH4 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # Q6016LH4
Description  Alternistor Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Q6016LH4 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button Q6016LH4 Datasheet HTML 2Page - List of Unclassifed Manufacturers Q6016LH4 Datasheet HTML 3Page - List of Unclassifed Manufacturers Q6016LH4 Datasheet HTML 4Page - List of Unclassifed Manufacturers Q6016LH4 Datasheet HTML 5Page - List of Unclassifed Manufacturers Q6016LH4 Datasheet HTML 6Page - List of Unclassifed Manufacturers Q6016LH4 Datasheet HTML 7Page - List of Unclassifed Manufacturers Q6016LH4 Datasheet HTML 8Page - List of Unclassifed Manufacturers Q6016LH4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Q6016LH4 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheets
Alternistor Triacs
©2004 Littelfuse, Inc.
E4 - 7
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Figure E4.1 Maximum Allowable Case Temperature versus
On-state Current (6 A to 12 A)
Figure E4.2 Maximum Allowable Case Temperature versus
On-state Current (8 A to 12 A)
Figure E4.3 Maximum Allowable Case Temperature versus
On-state Current (16 A)
Figure E4.4 Maximum Allowable Case Temperature versus
On-state Current (25 A to 40 A)
Figure E4.5 On-state Current versus On-state Voltage (Typical)
(6 A to 12 A)
Figure E4.6 On-state Current versus On-state Voltage (Typical)
(16 A to 40 A)
02468
10
12
14
0
60
70
80
90
100
110
120
130
RMS On-State Current [lT(RMS)] - AMPS
12A TO-220 (ISOLATED)
10A TO-220 (NON-ISOLATED)
and D2 PAK
6A TO-220 (ISOLATED)
6A TO-220
(NON-ISOLATED)
TO-263, TO-251
and TO-252
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
02468
10
12
14
0
60
70
80
90
100
110
120
130
RMS On-state Current [lT(RMS)] – Amps
12 A TO-220 (Non-isolated)
and TO-263
10 A TO-220 (Isolated)
8 A TO-220 (Non-isolated),
TO-263, TO-251, and TO-252
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
8 A TO-220 (Isolated)
0
60
70
80
90
100
110
120
130
0
5
10
15
RMS On-state Current [IT(RMS)] – Amps
16A
TO-220
(Non-isolated)
and
TO-263
16A
TO-220
(Isolated)
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
0
1020304050
50
60
70
80
90
100
110
120
130
RMS On-state Current [lT(RMS)] – Amps
35 A TO-220 (Non-isolated)
and TO-263
25 A and 30 A
TO-220 (Isolated)
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
40 A TO-218
(Isolated)
25
25 A TO-220 (Non-isolated)
TO-218 (Isolated)
TO-263
0
2
6
8
10
12
14
16
18
20
0
0.6
0.8
1.0
1.2
1.4
1.6
Positive or Negative Instantaneous
On-state Voltage (v
T
) – Volts
TC = 25 ˚C
4
6 A to 12 A Devices
90
80
70
60
50
40
30
20
10
0
0
0.6
0.8
1.0
1.2
1.4
1.6
TC = 25˚C
1.8
Positive or Negative Instantaneous On-state Voltage (v
T
) – Volts
40 A Devices
16 A Devices
25 A to 35 A Devices


Similar Part No. - Q6016LH4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q6016LH4 LITTELFUSE-Q6016LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
logo
HAOPIN MICROELECTRONICS...
Q6016LH4 HAOPIN-Q6016LH4 Datasheet
275Kb / 5P
   Three quadrant triacs
logo
Littelfuse
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results

Similar Description - Q6016LH4

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
Q2006RH4 TECCOR-Q2006RH4 Datasheet
536Kb / 7P
   Alternistor Triacs?
logo
Littelfuse
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
HQ6025XH5 LITTELFUSE-HQ6025XH5 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
QJXX25XHX LITTELFUSE-QJXX25XHX Datasheet
583Kb / 9P
   25 Amp High Temperature Alternistor Triacs
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com