Selected language     English  ▼


B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. B
Description  Self-Adjusting EM Brake
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
[ EM: Electromagnet ]
20
20 / 27.1
90¹, 28, 6
1087
4500
Bore
1/2
Key
1/8 x 1/16
Bore
5/8
Key
3/16 x 3/32
Bore
3/4
Key
3/16 x 3/32
Bore
7/8
Key
3/16 x 3/32
Bore
1
Key
1/4 x 1/8
A
2.219
B
4.25
C
1.594
D
1.188
E
0.094
F
0.024
G
1.874 / 1.873
H (Qty)
-
H (Bore)
-
H (Depth)
-
I
-
J
5.625 / 5.623
K
5
L
-
M
-
N
-
O
P
Q
4.0 / 1.8
[ Note 1 : Most common voltage ]
[ 1" = 25.4mm ]
2.75
6.500 / 6.498
2.875
6.2 / 2.8
1
1.978 / 1.968
1.25
4.150Max
0.125
0.031
0.187 / 0.181
2.875
2.065 / 2.063
8
2.406
5.313
1.969
1.313
Weight [lbs / kg]
Self-Adjusting EM Brake
Types: 20, 50
Terminal
Dimensions
[in]
5.875
2.627
1/4 x 1/8
Accepts
Type G
Bushing
50
50 / 67.8
90¹, 6
237
4000
1-1/8
1/4 x 1/8
1-1/4
B
Rated Torque [ft-lbs / N-m]
Max Allowable Speed [rpm]
Standard
Bore
Options
[in]
Coil
(20°C)
Voltage [DC-V]
Resistance []
B




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl