Electronic Components Datasheet Search |
|
SP8K4 Datasheet(PDF) 1 Page - Rohm |
|
SP8K4 Datasheet(HTML) 1 Page - Rohm |
1 / 4 page SP8K4 Transistors 1/3 Switching (30V, 9.0A) SP8K4 Features 1) Low on-resistance. 2) Built-in G-S Protection Diode. 3) Small and Surface Mount Package (SOP8). Application Power switching, DC / DC converter. Structure Silicon N-channel MOS FET External dimensions (Unit : mm) Each lead has same dimensions SOP8 5.0 ±0.2 0.2 ±0.1 1.27 0.4 ±0.1 0.1 Absolute maximum ratings (Ta=25 °C) It is the same ratings for the Tr. 1 and Tr. 2. Parameter V VDSS Symbol V VGSS A ID A IDP A IS A ISP W PD °C Tch °C Tstg Unit Drain-source voltage Gate-source voltage Drain current Total power dissipation Channel temperature Storage temperature Continuous Pulsed Continuous Source current (Body diode) Pulsed 30 20 ±9.0 ±36 1.6 6.4 2 150 −55 to +150 Limits ∗1 ∗1 ∗2 ∗1 Pw 10µs, Duty cycle 1% ∗2 MOUNTED ON A CERAMIC BOARD. Equivalent circuit (1) Tr1 Source (2) Tr1 Gate (3) Tr2 Source (4) Tr2 Gate (5) Tr2 Drain (6) Tr2 Drain (7) Tr1 Drain (8) Tr1 Drain ∗1 ESD PROTECTION DIODE ∗2 BODY DIODE (1) (2) (3) (4) (8) (7) (6) (5) ∗2 ∗1 ∗2 ∗1 (8) (7) (1) (2) (6) (5) (3) (4) ∗A protection diode is included between the gate and the source terminals to protect the diode against static electricity when the product is in use. Use the protection circuit when the fixed voltages are exceeded. Thermal resistance (Ta=25 °C) °C / W Rth (ch-a) 62.5 Parameter Symbol Limits Unit Channel to ambient ∗ ∗MOUNTED ON A CERAMIC BOARD. |
Similar Part No. - SP8K4 |
|
Similar Description - SP8K4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |