Electronic Components Datasheet Search |
|
SP3222EBET-L Datasheet(PDF) 3 Page - Exar Corporation |
|
SP3222EBET-L Datasheet(HTML) 3 Page - Exar Corporation |
3 / 22 page Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com SP3222EB/SP3232EB_103_081414 3 Unless otherwise noted, the following specifications apply for V CC = +3.0V to +5.5V with TAMB = TMIN to TMAX, C1 - C4 = 0.1µF. Typical values apply at V CC = +3.3V or +5.0V and TAMB = 25°C. ELECTRICAL CHARACTERISTICS PARAMETER MIN. TYP. MAX. UNITS CONDITIONS DRIVER OUTPUTS (continued) Output Resistance 300 Ω V CC = V+ = V- = 0V, VOUT=+2V Output Short-Circuit Current +35 +60 mA V OUT = 0V Output Leakage Current +25 µA V CC = 0V or 3.0V to 5.5V, VOUT = +12V, Drivers disabled RECEIVER INPUTS Input Voltage Range -15 15 V Input Threshold LOW 0.6 1.2 V Vcc = 3.3V Input Threshold LOW 0.8 1.5 V Vcc = 5.0V Input Threshold HIGH 1.5 2.4 V Vcc = 3.3V Input Threshold HIGH 1.8 2.4 V Vcc = 5.0V Input Hysteresis 0.3 V Input Resistance 3 5 7 kΩ TIMING CHARACTERISTICS Maximum Data Rate 250 kbps R L = 3kΩ, CL = 1000pF, one driver active Receiver Propagation Delay, t PHL 0.15 µs Receiver input to Receiver output, C L = 150pF Receiver Propagation Delay, t PLH 0.15 µs Receiver input to Receiver output, C L = 150pF Receiver Output Enable Time 200 ns Receiver Output Disable Time 200 ns Driver Skew 100 ns | t PHL - tPLH |, TAMB = 25°C Receiver Skew 50 ns | t PHL - tPLH | Transition-Region Slew Rate 30 V/µs Vcc = 3.3V, R L = 3kΩ, C L = 1000pF, TAMB = 25°C, measurements taken from -3.0V to +3.0V or +3.0V to -3.0V |
Similar Part No. - SP3222EBET-L |
|
Similar Description - SP3222EBET-L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |