Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDB-10N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MDB-10N
Description  Dry-Type Multiple-Disk EM Brake
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MDB-10N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MDB-10N Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
1.2N
2.5N
5N
10N
20N
40N
80N
8.9 / 12
18 / 25
37 / 50
74 / 100
148 / 200 295 / 400 590 / 800
13 / 18
26 / 35
52 / 71
103 / 140 207 / 281 413 / 560 826 / 1120
0.62
0.8
1
1.46
1.75
2.5
3.12
38.5
30
24
16.5
13.7
9.6
7.7
15
19
24
35
42
60
75
Dry-Type Multiple-Disk EM Brake
Types: 1.2, 2.5, 5, 10, 20, 40, 80
MDB
24
Dynamic Torque [ft-lbs / N-m]
Static Torque [ft-lbs / N-m]
Voltage [DC-V]
Current [A]
Resistance [Ω]
Wattage [W]
Coil
(20°C)
MDB-N
15
19
24
35
42
60
75
60
80
90
120
170
210
330
105
160
180
200
290
360
520
60
70
80
110
180
230
240
7
11
23
426597
153
1800
1500
1200
1000
800
700
600
3
6
14
34
61
249
715
0.8 x 107 1.6 x 107 2.9 x 107 4.9 x 107
7.2 x 107 13.0 x 107 20.0 x 107
7
11
23
426597
153
dH7
20
25
30
40
50
60
70
bE9
6
8
8
12
14
18
20
t+0.2/-0
21.7
26.7
32
42.5
52.5
63
75
A
82
97
114
135
157
197
237
C
62
74
86
104
126
156
190
DH8
42
50
58
75
92
106
128
F
4xM5
4xM6
4xM6
6xM6
6xM8
6xM10
6xM12
L
454855
60
68
76
96
N
283034
43
50
62
82
P±0.3
17
18
21
17
18
14
14
Q
445
5
6
8
8
T
5
6
6
6
8
10
12
2.9 / 1.3 3.7 / 1.7 5.7 / 2.6
8.8 / 4.0
14 / 6.4
26 / 12
49 / 22
[ Included parts & accessories : surge protector ]
[ 1" = 25.4mm ]
Ogura Industrial
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
Weight [lbs / kg]
Max Work Rate [W]
Moment of Inertia (J) [kg-cm²]
Torque Decay Time [ms]
Dimensions
[mm]
Bore [mm]
Max Allowable Speed [rpm]
Total Energy Until Life [J]
Max Work Rate [W]
Key Way [mm]
Armature Pull-In Time [ms]
Torque Build-Up Time [ms]
Wattage [W]
MDB-N


Similar Part No. - MDB-10N

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
MDB-10 BOWEI-MDB-10 Datasheet
125Kb / 1P
   Broadband Double-balanced Mixer
MDB-10M BOWEI-MDB-10M Datasheet
125Kb / 1P
   Broadband Double-balanced Mixer
More results

Similar Description - MDB-10N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDC ETC-MDC Datasheet
140Kb / 1P
   Dry-Type Multiple-Disk EM Clutch
MWB ETC-MWB Datasheet
126Kb / 1P
   Wet-Type Multiple-Disk EM Brake
MWC ETC-MWC Datasheet
227Kb / 1P
   Wet-Type Multiple-Disk EM Clutch
MWC-40 ETC-MWC-40 Datasheet
223Kb / 1P
   Wet-Type Multiple-Disk EM Clutch
TMB ETC-TMB Datasheet
136Kb / 1P
   EM Brake
VBE ETC2-VBE Datasheet
107Kb / 1P
   EM Brake
AMB ETC-AMB Datasheet
98Kb / 1P
   Micro EM Brake
HB ETC-HB Datasheet
99Kb / 1P
   EM Hysteresis Brake
RNB-0.2G ETC-RNB-0.2G Datasheet
155Kb / 1P
   EM Spring-Applied Brake
RNB-ZGN ETC-RNB-ZGN Datasheet
56Kb / 1P
   EM Spring-Applied Brake
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com